Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3FS-10B4 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3FS-10B4
Description  Safety design for category 2. Suitable for detecting human bodies in hazardous area.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FS-10B4 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3FS-10B4 Datasheet HTML 1Page - Omron Electronics LLC E3FS-10B4 Datasheet HTML 2Page - Omron Electronics LLC E3FS-10B4 Datasheet HTML 3Page - Omron Electronics LLC E3FS-10B4 Datasheet HTML 4Page - Omron Electronics LLC E3FS-10B4 Datasheet HTML 5Page - Omron Electronics LLC E3FS-10B4 Datasheet HTML 6Page - Omron Electronics LLC E3FS-10B4 Datasheet HTML 7Page - Omron Electronics LLC E3FS-10B4 Datasheet HTML 8Page - Omron Electronics LLC E3FS-10B4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
D-31
E3FS
Selection guide
DC-Switching Models
Accessories (Order Separately)
For detailed information about the mounting bracket, refer to the main chapter “Accessories” at the end of the document.
For detailed information about the muting control unit, refer to the specification sheet E502-E2-01.
Connectors (Order Separately)
Plastic
Nickel Brass (-M)
Cable Type
Plug Type
Cable Type
Plug Type
Method of detection
Single beam
Single beam
Single beam
Single beam
Rated sensing distance
10m
10m
10m
10m
Light-ON/Dark-ON (selectable)
PNP
E3FS-10B4
E3FS-10B4-P1
E3FS-10B4-M
E3FS-10B4-M1-M
Name
Model
Mounting bracket
Y92E-B18
Muting control unit
F3SP-U1P-TGR
Cord
Appearance
Cord length
Model
Standard
Straight
(4 conductor)
2 m
XS2F-D421-D80-A
5 m
XS2F-D421-G80-A
L-shape
(4 conductor)
2 m
XS2F-D422-D80-A
5 m
XS2F-D422-G80-A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com