Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC164AP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC164AP
Description  8-Bit Shift Register (S-IN, P-OUT)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC164AP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC164AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC164AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC164AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC164AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC164AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC164AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC164AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC164AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC164AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74HC164AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC164AP,TC74HC164AF,TC74HC164AFN
8-Bit Shift Register (S-IN, P-OUT)
The TC74HC164A is a high speed CMOS 8-BIT SERIAL-IN
PARALLEL-OUT SHIFT REGISTER fabricated with silicon gate
C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
It consists of a serial-in, parallel-out 8-bit shift register with a
CK input and an overriding CLR input.
Two serial data inputs (A, B) are provided so that one may be
used as a data enable.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 58 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Outputs drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS164
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC164AP
TC74HC164AF
TC74HC164AFN
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)


Similar Part No. - TC74HC164AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC164AP TOSHIBA-TC74HC164AP Datasheet
292Kb / 7P
TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74HC164AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
8-Bit Shift Register (P-IN, S-OUT)
TC7MH165FK TOSHIBA-TC7MH165FK_07 Datasheet
204Kb / 9P
8-Bit Shift Register (P-In, S-Out)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
8-Bit Shift Register (S-IN, P-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_07 Datasheet
279Kb / 12P
8-Bit Shift Register (P-IN, S-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_12 Datasheet
230Kb / 10P
8-Bit Shift Register (S-IN, P-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_12 Datasheet
249Kb / 11P
8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_V01 Datasheet
339Kb / 7P
8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com