Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC166AFN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC166AFN
Description  8-Bit Shift Register (P-IN, S-OUT)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC166AFN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC166AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HC166AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HC166AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC166AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC166AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC166AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC166AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC166AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC166AFN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC74HC166AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC166AP,TC74HC166AF,TC74HC166AFN
8-Bit Shift Register (P-IN, S-OUT)
The TC74HC166A is a high speed CMOS 8-BIT
PARALLEL/SERIAL-IN, SERIAL-OUT SHIFT REGISTER
fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
It consists of parallel-in or serial-in, serial-out 8-bit shift
register with a gated clock input and an overriding clear input.
The parallel-in or serial-in modes are controlled by the
SHIFT/ LOAD input. When the SHIFT/ LOAD input is held
high, the serial data input is enabled and the eight flip-flops
perform serial shifting on each clock pulse. When held low, the
parallel data inputs are enabled and synchronous loading occurs
on the next clock pulse. Clocking is accomplished on the
low-to-high transition of the clock pulse. The CK-INH input
should be shifted high only while the CK input is held high. A
direct clear input overrides all other inputs, includng the clock,
and sets all the flip-flops to zero. Functional details are shown in
the truth table and the timing charts.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 57 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive immunity: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS166
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC166AP
TC74HC166AF
TC74HC166AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC74HC166AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC166AFN TOSHIBA-TC74HC166AFN Datasheet
357Kb / 9P
8-BIT SHIFT REGISTER(P-IN, S-OUT)
More results

Similar Description - TC74HC166AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
8-Bit Shift Register (S-IN, P-OUT)
TC7MH165FK TOSHIBA-TC7MH165FK_07 Datasheet
204Kb / 9P
8-Bit Shift Register (P-In, S-Out)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
8-Bit Shift Register (S-IN, P-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_07 Datasheet
279Kb / 12P
8-Bit Shift Register (P-IN, S-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_12 Datasheet
230Kb / 10P
8-Bit Shift Register (S-IN, P-OUT)
TC74VHC165F TOSHIBA-TC74VHC165F_12 Datasheet
249Kb / 11P
8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_V01 Datasheet
339Kb / 7P
8-BIT SHIFT REGISTER (S-IN, P-OUT)
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com