Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM75CSD060 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # PM75CSD060
Description  Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/600 Volts)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PM75CSD060 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  PM75CSD060 Datasheet HTML 1Page - Powerex Power Semiconductors PM75CSD060 Datasheet HTML 2Page - Powerex Power Semiconductors PM75CSD060 Datasheet HTML 3Page - Powerex Power Semiconductors PM75CSD060 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Intellimod™ Module
Three Phase
IGBT Inverter Output
75 Amperes/600 Volts
PM75CSD060
1
Description:
Powerex Intellimod™ Intelligent
Power Modules are isolated base
modules designed for power
switching applications operating
at frequencies to 20kHz. Built-in
control circuits provide optimum
gate drive and protection for the
IGBT and free-wheel diode
power devices.
Features:
□ Complete Output Power
Circuit
□ Gate Drive Circuit
□ Protection Logic
– Short Circuit
– Over Current
– Over Temperature
– Under Voltage
□ Low Loss Using 4th Generation
IGBT Chip
Applications:
□ Inverters
□ UPS
□ Motion/Servo Control
□ Power Supplies
Ordering Information:
Example: Select the complete
part number from the table below
-i.e. PM75CSD060 is a 600V,
75 Ampere Intellimod™ Intelligent
Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 10)
PM
75
60
Dimensions
Inches
Millimeters
A
4.33
±0.04
110.0
±1.0
B
3.74
±0.02
95.0
±0.5
C
3.50
±0.04
89.0
±1.0
D
3.27
83.0
E
2.91
±0.02
74.0
±0.5
F
2.44
62.0
G
1.28
32.6
H
1.24
31.6
J
1.02
26.0
K
0.94
24.0
L
0.87 +0.06/-0 22.0 +1.5/-0.0
M
0.79
20.0
N
0.76
19.4
P
0.75
19.0
Q
0.708
17.98
R
0.670
17.02
Dimensions
Inches
Millimeters
S
0.67
17.0
T
0.52
13.2
U
0.39
10.0
V
0.28
7.0
W
0.30
7.5
X
0.24
6.0
Y
0.24 Rad.
Rad. 6.0
Z
0.22 Dia.
Dia. 5.5
AA
Metric M5
M5
AB
0.127
3.22
AC
0.10
2.6
AD
0.08
±0.02
2.0
±0.5
AE
0.07
1.8
AF
0.06
1.6
AG
0.02
±0.01
0.5
±0.3
Outline Drawing and Circuit Diagram
T
AC
1.
2.
3.
4.
5.
6.
7.
8.
9.
V
V
V
V
V
V
V
10.
11.
12.
13.
14.
15.
16.
U
U
VV
W
W
WPC
UPI
VPI
WPI
NC
NI
P
N
P
P
N
N
UPC
FO
V VPC
17.
18.
19.
NC
WFO
O
VF
O
UF
B
S
M
M
AD
AG
AG
K
J
J
TC Measured Point
E
U
U
U
AB
Q
AB
R
F
A
U
D
X
P
X
W
W
C
78
9
10
11
13 15
12 34
56
V
W
U
AA - THD (6 TYP.)
Z - DIA. (4 TYP.)
AD (15 TYP.)
12
14 16 18
17 19
Y (4 TYP.)
N
AE
G H
L
AF
V
2.54 MM DIA. (2 TYP.)
0.5 MM SQ. PIN
(19 TYP.)
TEMP
P
U
V
W
N
NC


Similar Part No. - PM75CSD060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75CSD060 MITSUBISHI-PM75CSD060 Datasheet
133Kb / 8P
FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM75CSD060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100CVA060 POWEREX-PM100CVA060 Datasheet
85Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (100 Amperes/600 Volts)
PM150CVA060 POWEREX-PM150CVA060 Datasheet
73Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (150 Amperes/600 Volts)
PM200CVA060 POWEREX-PM200CVA060 Datasheet
73Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (200 Amperes/600 Volts)
PM75CSA120 POWEREX-PM75CSA120 Datasheet
84Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM75CSD120 POWEREX-PM75CSD120 Datasheet
85Kb / 4P
Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/600 Volts)
PM75CVA120 POWEREX-PM75CVA120 Datasheet
73Kb / 6P
Intellimod??Module Three Phase IGBT Inverter Output (75 Amperes/1200 Volts)
PM75RSA060 POWEREX-PM75RSA060 Datasheet
103Kb / 8P
Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM75RSD060 POWEREX-PM75RSD060 Datasheet
90Kb / 6P
Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM75RSK060 POWEREX-PM75RSK060 Datasheet
85Kb / 6P
Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
PM75RVA060 POWEREX-PM75RVA060 Datasheet
87Kb / 8P
Intellimod??Module Three Phase Brake IGBT Inverter Output (75 Amperes/600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com