Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1160 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1160
Description  Strobe Flash Applications Medium Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1160 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1160 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1160 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1160 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1160 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1160
2006-11-09
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1160
Strobe Flash Applications
Medium Power Amplifier Applications
• High DC current gain and excellent hFE linearity
: hFE (1) = 140 to 600 (VCE = −1 V, IC = −0.5 A)
: hFE (2) = 60 (min), 120 (typ.) (VCE = −1 V, IC = −4 A)
• Low saturation voltage
: VCE (sat) = −0.5 V (max) (IC = −2 A, IB = −50 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−20
V
Collector-emitter voltage
VCEO
−10
V
Emitter-base voltage
VEBO
−6
V
DC
IC
−2
Collector current
Pulsed (Note 1)
ICP
−4
A
Base current
IB
−2
A
Collector power dissipation
PC
900
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note 1: Pulse width
= 10 ms (max), duty cycle = 30% (max)
Note 2: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
TO-92MOD
JEITA
―
TOSHIBA
2-5J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SA1160

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1160 TOSHIBA-2SA1160 Datasheet
153Kb / 2P
TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
logo
TRANSYS Electronics Lim...
2SA1160 TEL-2SA1160 Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1160 TOSHIBA-2SA1160 Datasheet
162Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
logo
SHENZHEN YONGERJIA INDU...
2SA1160 WINNERJOIN-2SA1160 Datasheet
131Kb / 1P
TRANSISTOR (PNP)
logo
Foshan Blue Rocket Elec...
2SA1160 FOSHAN-2SA1160 Datasheet
844Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
More results

Similar Description - 2SA1160

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1242 TOSHIBA-2SA1242_07 Datasheet
158Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1300 TOSHIBA-2SA1300_07 Datasheet
334Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1160 TOSHIBA-2SA1160_09 Datasheet
162Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1431 TOSHIBA-2SA1431_06 Datasheet
142Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC3072 TOSHIBA-2SC3072_05 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4683 TOSHIBA-2SC4683 Datasheet
184Kb / 3P
STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4685 TOSHIBA-2SC4685_04 Datasheet
131Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com