Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC173AF Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74HC173AF
Description  Quad D-Type Register (3-state)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC173AF Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74HC173AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC173AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC173AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC173AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC173AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC173AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC173AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC173AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC173AF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74HC173AP/AF
2007-10-01
5
Timing Requirements (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40
~85°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(CK)
tW (L)
tW (H)
⎯
2.0
4.5
6.0
⎯
⎯
⎯
75
15
13
95
19
16
ns
Minimum pulse width
(CLR)
tW (H)
⎯
2.0
4.5
6.0
⎯
⎯
⎯
75
15
13
95
19
16
ns
Minimum set-up time
(G1, G2)
ts
⎯
2.0
4.5
6.0
⎯
⎯
⎯
100
20
17
125
25
21
ns
Minimum set-up time
(D)
ts
⎯
2.0
4.5
6.0
⎯
⎯
⎯
75
15
13
95
19
16
ns
Minimum hold time
(G1, G2, D)
th
⎯
2.0
4.5
6.0
⎯
⎯
⎯
0
0
0
0
0
0
ns
Minimum removal time
(CLR)
trem
⎯
2.0
4.5
6.0
⎯
⎯
⎯
5
5
5
5
5
5
ns
Clock frequency
f
⎯
2.0
4.5
6.0
⎯
⎯
⎯
9
43
51
7
34
40
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com