Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC191AF Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC74HC191AF
Description  4-Bit Binary Up/Down Counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC191AF Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74HC191AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC191AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC191AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC191AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC191AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC191AF Datasheet HTML 9Page - Toshiba Semiconductor TC74HC191AF Datasheet HTML 10Page - Toshiba Semiconductor TC74HC191AF Datasheet HTML 11Page - Toshiba Semiconductor TC74HC191AF Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TC74HC191AP/AF
2007-10-01
8
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
⎯
⎯
4
8
ns
Propagation delay time
(CK-Q)
tpLH
tpHL
⎯
⎯
18
31
ns
Propagation delay time
(CK-
RCO )
tpLH
tpHL
⎯
⎯
10
20
ns
Propagation delay time
(CK-MAX/MIN)
tpLH
tpHL
⎯
⎯
23
42
ns
Propagation delay time
(
LOAD -Q)
tpLH
tpHL
⎯
⎯
21
35
ns
Propagation delay time
(DATA-Q)
tpLH
tpHL
⎯
⎯
17
30
ns
Propagation delay time
( ENABLE -
RCO )
tpLH
tpHL
⎯
⎯
11
17
ns
Propagation delay time
(D/ U- RCO )
tpLH
tpHL
⎯
⎯
17
31
ns
Propagation delay time
(D/
U -MAX/MIN)
tpLH
tpHL
⎯
⎯
15
27
ns
Maximum clock frequency
fmax
⎯
27
48
⎯
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com