Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC221AP Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74HC221AP
Description  Dual Monostable Multivibrator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC221AP Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74HC221AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC221AP_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TC74HC221AP/AF/AFN
2007-10-01
2
Pin Assignment
IEC Logic Symbol
Block Diagram (Note 1)(Note 2)
Note 1: Cx, Rx, Dx are external
capacitor, resistor, and diode, respectively.
Note 2: External clamping diode, Dx;
The external capacitor is charged to VCC level in the wait state, i.e. when no trigger is applied.
If the supply voltage is turned off, Cx is discharges mainly through the internal (parasitic) diode. If Cx is
sufficiently large and VCC drops rapidly, there will be some possibility of damaging the IC through in rush
current or latch-up. If the capacitance of the supply voltage filter is large enough and VCC drops slowly, the
in rush current is automatically limited and damage to the IC is avoided.
The maximum value of forward current through the parasitic diode is
±20 mA.
In the case of a large Cx, the limit of fall time of the supply voltage is determined as follows:
tf >= (VCC − 0.7) Cx/20 mA
(tf is the time between the supply voltage turn off and the supply voltage reaching 0.4 VCC.)
In the even a system does not satisfy the above condition, an external clamping diode (Dx) is needed to
protect the IC from rush current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com