Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC245AF Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74HC245AF
Description  Octal Bus Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC245AF Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74HC245AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC245AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC245AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC245AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC245AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC245AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC245AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC245AF Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC74HC245AP/AF,640AP/AF
2007-10-01
3
Absolute Maximum Ratings (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7
V
DC input voltage
VIN
−0.5~VCC + 0.5
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±35
mA
DC VCC/ground current
ICC
±75
mA
Power dissipation
PD
500 (DIP) (Note 2)/180 (SOP)
mW
Storage temperature
Tstg
−65~150
°C
Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or
even destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: 500 mW in the range of Ta
= −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C shall be
applied until 300 mW.
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2~6
V
Input voltage
VIN
0~VCC
V
Output voltage
VOUT
0~VCC
V
Operating temperature
Topr
−40~85
°C
Input rise and fall time
tr, tf
0~1000 (VCC = 2.0 V)
0~500 (VCC = 4.5 V)
0~400 (VCC = 6.0 V)
ns
Note:
The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs and
bus inputs must be tied to either VCC or GND. Please connect both bus inputs and the bus outputs with
VCC or GND when the I/O of the bus terminal changes by the function. In this case, please note that the
output is not short-circuited.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com