Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HN2C01FU Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # HN2C01FU
Description  Audio Frequency General Purpose Amplifier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

HN2C01FU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  HN2C01FU Datasheet HTML 1Page - Toshiba Semiconductor HN2C01FU Datasheet HTML 2Page - Toshiba Semiconductor HN2C01FU Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HN2C01FU
2007-11-01
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
HN2C01FU
Audio Frequency General Purpose Amplifier Applications
Small package (dual type)
High voltage and high current : VCEO = 50V, IC = 150mA (max)
High hFE
: hFE = 120~400
Excellent hFE linearity
: hFE (IC = 0.1mA) / (IC = 2mA)
= 0.95 (typ.)
Absolute Maximum Ratings (Ta = 25°C) (Q1, Q2 Common)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
150
mA
Base current
IB
30
mA
Collector power dissipation
PC*
200
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
* Total rating
Electrical Characteristics (Ta = 25°C) (Q1, Q2 Common)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
―
VCB = 60V, IE = 0
―
―
0.1
μA
Emitter cut-off current
IEBO
―
VEB = 5V, IC = 0
―
―
0.1
μA
DC current gain
hFE (Note)
―
VCE = 6V, IC = 2mA
120
―
400
―
Collector-emitter saturation voltage
VCE (sat)
―
IC = 100mA, IB =10mA
―
0.1
0.25
V
Transition frequency
fT
―
VCE = 10V, IC = 1mA
80
―
―
MHz
Collector output capacitance
Cob
―
VCB = 10V, IE = 0, f = 1MHz
―
2
3.5
pF
Note: hFE classification
Y(Y): 120~240, GR(G): 200~400
( ) marking symbol
Marking
Equivalent Circuit (Top View)
JEDEC
―
EIAJ
―
TOSHIBA
2-2J1B
Weight: 6.8mg
Unit: mm


Similar Part No. - HN2C01FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN2C01FU TOSHIBA-HN2C01FU Datasheet
156Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
More results

Similar Description - HN2C01FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1832FT TOSHIBA-2SA1832FT Datasheet
127Kb / 3P
Audio frequency General Purpose Amplifier Applications
2SA1162 TOSHIBA-2SA1162_07 Datasheet
391Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN2A01FU TOSHIBA-HN2A01FU_07 Datasheet
237Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SA1586 TOSHIBA-2SA1586_07 Datasheet
382Kb / 3P
Audio Frequency General Purpose Amplifier Applications
HN4B06J TOSHIBA-HN4B06J Datasheet
500Kb / 8P
Audio Frequency General Purpose Amplifier Applications
HN4C06J TOSHIBA-HN4C06J Datasheet
299Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-BL TOSHIBA-2SC2713-BL Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SC2713-GR TOSHIBA-2SC2713-GR Datasheet
278Kb / 4P
Audio Frequency General Purpose Amplifier Applications
2SA1586-GR TOSHIBA-2SA1586-GR Datasheet
207Kb / 3P
Audio Frequency General Purpose Amplifier Applications
2SC4738-GR TOSHIBA-2SC4738-GR Datasheet
211Kb / 3P
Audio Frequency General Purpose Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com