Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC367AFN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74HC367AFN
Description  Hex Bus Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC367AFN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74HC367AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HC367AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HC367AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC367AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC367AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC367AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC367AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC367AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC367AFN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC74HC367,368AP/AF/AFN
2007-10-01
2
Pin Assignment
TC74HC367A
TC74HC368A
IEC Logic Symbol
TC74HC367A
TC74HC368A
Truth Table
Inputs
Outputs
G
An
Y (367A)
Y (368A)
L
L
L
H
L
H
H
L
H
X
Z
Z
X: Don’t care
Z: High impedance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com