Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP701 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP701
Description  IGBT/Power MOS FET gate drive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP701 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP701 Datasheet HTML 1Page - Toshiba Semiconductor TLP701 Datasheet HTML 2Page - Toshiba Semiconductor TLP701 Datasheet HTML 3Page - Toshiba Semiconductor TLP701 Datasheet HTML 4Page - Toshiba Semiconductor TLP701 Datasheet HTML 5Page - Toshiba Semiconductor TLP701 Datasheet HTML 6Page - Toshiba Semiconductor TLP701 Datasheet HTML 7Page - Toshiba Semiconductor TLP701 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP701
2007-10-01
2
Absolute Maximum Ratings (Ta = 25 °C)
Characteristics
Symbol
Rating
Unit
Forward current
IF
20
mA
Forward current derating (Ta ≥ 85°C)
ΔIF/ΔTa
−0.54
mA/°C
Peak transient forward current
(Note 1)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
“H” peak output current
(Note 2)
IOPH
−0.6
A
“L” peak output current
(Note 2)
IOPL
0.6
A
Output voltage
VO
35
V
Supply voltage
VCC
35
V
Junction temperature
Tj
125
°C
Operating frequency
(Note 3)
f
25
kHz
Operating temperature range
Topr
−40 to 100
°C
Storage temperature range
Tstg
−55 to 125
°C
Lead soldering temperature (10 s)
(Note 4)
Tsol
260
°C
Isolation voltage (AC, 1 minute, R.H. ≤ 60%)
(Note 5)
BVS
5000
Vr m s
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width PW ≤ 1 μs, 300 pps
Note 2: Exponential waveform pulse width PW ≤ 2 μs, f ≤15 kHz
Note 3: Exponential waveform IOPH ≤−0.3 A (≤ 2 μs), IOPL ≤+0.3 A (≤ 2 μs),Ta =100 °C
Note 4: For the effective lead soldering area
Note 5: Device considered a two-terminal device: pins 1, 2 and 3 paired with pins 4, 5 and 6 respectively.
Note 6: A ceramic capacitor (0.1
μF) should be connected from pin 6 to pin 4 to stabilize the operation of the high
gain linear amplifier. Failure to provide the bypassing may impair the switching property.
The total lead length between capacitor and coupler should not exceed 1 cm.
Recommended Operating Conditions
Characteristics
Symbol
Min
Typ.
Max
Unit
Input current, ON
(Note 7)
IF (ON)
7.5
⎯
10
mA
Input voltage, OFF
VF (OFF)
0
⎯
0.8
V
Supply voltage
VCC
10
⎯
30
V
Peak output current
IOPH / IOPL
⎯
⎯
± 0.2
A
Operating temperature
Topr
−40
⎯
100
°C
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Note 7: Input signal rise time (fall time)
< 0.5 μs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com