Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP668JFS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP668JFS
Description  Household Use Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP668JFS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP668JFS Datasheet HTML 1Page - Toshiba Semiconductor TLP668JFS Datasheet HTML 2Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLP668JF(S)
2007-10-01
1
TOSHIBA Photocoupler GaAℓAs Ired & Photo-Triac
TLP668JF(S)
Office Machine
Household Use Equipment
Triac Driver
Solid State Relay
The TOSHIBA TLP668JF(S) consists of a zero voltage crossing turn-on
photo-triac optically coupled to a GaAlAs infrared emitting diode in a six
lead plastic DIP package.
Absolute maximum ratings and electrical characteristics are the same as
those given in the TLP668J(S) technical data sheets.
• Peak off-state voltage: 600V (Min.)
• Trigger LED current: 3mA (Max.)
• On-state current: 100mA (Max.)
• Isolation voltage: 5000Vrms (Min.)
• UL recognized: UL1577, file No. E67349
• BSI approved: BS EN60065:2002, file No. 8385
BS EN60950-1:2002, file No. 8386
• SEMCO approved:EN60065,EN60950-1,EN60335-1
Certificate no.708960
• Option(D4) type
VDE approved: DIN EN 60747-5-2
Certificate No. 40009302
Maximum operating insulation voltage : 1140VPk
Highest permissible over voltage
: 8000 VPk
(Note) When an EN60747-5-2 approved type is needed, please designate the “Option(D4)”.
• Construction mechanical rating (10.16mm pitch)
Creepage distance: 8.0mm (Min.)
Clearance: 8.0mm (Min.)
Insulation thickness: 0.5mm (Min.)
1: Anode
2: Cathode
3: N.C.
4:Terminal 1
6:Terminal 2
ZC:Zero-cross circuit
1
2
3
4
6
ZC
Pin configuration (top view)
JEDEC
TOSHIBA
11-7A9
Weight: 0.39 g (Typ.)
Unit: mm


Similar Part No. - TLP668JFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP668J TOSHIBA-TLP668J Datasheet
137Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP668J TOSHIBA-TLP668J Datasheet
196Kb / 6P
Household Use Equipment
TLP668JS TOSHIBA-TLP668JS Datasheet
196Kb / 6P
Household Use Equipment
TLP668J TOSHIBA-TLP668J_07 Datasheet
196Kb / 6P
Household Use Equipment
More results

Similar Description - TLP668JFS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3051F TOSHIBA-TLP3051F Datasheet
28Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
office machine household use equipment
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP747J TOSHIBA-TLP747J Datasheet
127Kb / 2P
Household Use Equipment
TLP741G TOSHIBA-TLP741G_07 Datasheet
471Kb / 6P
Household Use Equipment
TLP668J TOSHIBA-TLP668J_07 Datasheet
196Kb / 6P
Household Use Equipment
TLP665J TOSHIBA-TLP665J_07 Datasheet
220Kb / 6P
Household Use Equipment
TLP665JF TOSHIBA-TLP665JF_07 Datasheet
152Kb / 2P
Household Use Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com