Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDP2S02AS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # JDP2S02AS
Description  UHF~VHF Band RF Attenuator Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDP2S02AS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  JDP2S02AS Datasheet HTML 1Page - Toshiba Semiconductor JDP2S02AS Datasheet HTML 2Page - Toshiba Semiconductor JDP2S02AS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JDP2S02AS
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial PIN Type
JDP2S02AS
UHF~VHF Band RF Attenuator Applications
• Suitable for reducing set’s size as a result from enabling high-density
mounting due to 2-pin small packages.
• Low series resistance: rs = 1.0 Ω (typ.)
• Low capacitance: CT = 0.3 pF (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
30
V
Forward current
IF
50
mA
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 10 μA
30
⎯
⎯
V
Reverse current
IR
VR = 30 V
⎯
⎯
0.1
μA
Forward voltage
VF
IF = 50 mA
⎯
0.9
0.94
V
Capacitance
CT
VR = 1 V, f = 1 MHz
⎯
0.3
0.5
pF
Series resistance
rs
IF = 10 mA, f = 100 MHz
⎯
1.0
1.5
Ω
Note: Signal level when capacitance is measured. Vsig = 100 mVrms
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
1-1K1A
Weight: 0.0011 g
2


Similar Part No. - JDP2S02AS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDP2S02ACT TOSHIBA-JDP2S02ACT Datasheet
134Kb / 4P
UHF~VHF Band RF Switch Applications
JDP2S02ACT TOSHIBA-JDP2S02ACT_14 Datasheet
146Kb / 4P
UHF-VHF Band RF Switch Applications
JDP2S02AFS TOSHIBA-JDP2S02AFS Datasheet
145Kb / 3P
TOSHIBA Diode Silicon Epitaxial PIN Type
JDP2S02AFS TOSHIBA-JDP2S02AFS Datasheet
131Kb / 3P
UHF~VHF Band RF Switch Applications
JDP2S02AFS TOSHIBA-JDP2S02AFS_07 Datasheet
131Kb / 3P
UHF~VHF Band RF Switch Applications
More results

Similar Description - JDP2S02AS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDP2S01U TOSHIBA-JDP2S01U Datasheet
77Kb / 2P
UHF~VHF Band RF Attenuator Applications
1SV252 TOSHIBA-1SV252_07 Datasheet
198Kb / 3P
VHF~UHF Band RF Attenuator Applications
1SV271 TOSHIBA-1SV271_07 Datasheet
193Kb / 3P
VHF~UHF Band RF Attenuator Applications
1SV312 TOSHIBA-1SV312_07 Datasheet
107Kb / 2P
VHF~UHF Band RF Attenuator Applications
JDP2S01T TOSHIBA-JDP2S01T_07 Datasheet
202Kb / 3P
UHF~VHF Band RF Attenuator Applications
JDP2S02S TOSHIBA-JDP2S02S_07 Datasheet
114Kb / 3P
UHF~VHF Band RF Attenuator Applications
logo
Guangdong Kexin Industr...
1SV128 KEXIN-1SV128 Datasheet
34Kb / 1P
VHF~UHF BAND RF ATTENUATOR APPLICATIONS
logo
Toshiba Semiconductor
1SV172TE85LF TOSHIBA-1SV172TE85LF Datasheet
138Kb / 3P
VHF~UHF Band RF Attenuator Applications
1SV237TE85LF TOSHIBA-1SV237TE85LF Datasheet
125Kb / 3P
VHF~UHF Band RF Attenuator Applications
JDP2S04E TOSHIBA-JDP2S04E_14 Datasheet
153Kb / 3P
VHF-UHF Band RF Attenuator Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com