Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0801804 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0801804
Description  TC/TR-PACKAGE WITH FOAM - Original pac
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0801804 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0801804 Datasheet HTML 1Page - PHOENIX CONTACT 0801804 Datasheet HTML 2Page - PHOENIX CONTACT 0801804 Datasheet HTML 3Page - PHOENIX CONTACT 0801804 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Original packaging for transportation
Commercial data
Item number
0801804
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG03
Product key
BGS12Y
GTIN
4046356716710
Weight per piece (including packing)
1,161 g
Weight per piece (excluding packing)
1,395 g
Customs tariff number
48191000
Country of origin
DE
TC/TR-PACKAGE WITH FOAM - Original packaging
0801804
https://www.phoenixcontact.com/us/products/0801804
Apr 22, 2025, 12:35AM
Page 1 (4)


Similar Part No. - 0801804

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0801800 PHOENIX-0801800 Datasheet
170Kb / 4P
TR-PRESSURE ROLLER DR4-50 - Pressure roller
0801802 PHOENIX-0801802 Datasheet
169Kb / 4P
TR-PRESSURE ROLLER STANDARD - Pressure roller
0801803 PHOENIX-0801803 Datasheet
169Kb / 4P
TR-TEAR OFF PLATE - Demolition plate
More results

Similar Description - 0801804

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VDU1690 CPI-VDU1690 Datasheet
308Kb / 1P
Pre-TR,TR Limiter
VDX1362 CPI-VDX1362 Datasheet
343Kb / 1P
Pre-TR, TR Limiter
logo
Rohm
SMLK19 ROHM-SMLK19 Datasheet
1,015Kb / 4P
High heat radiation package from ROHM original flat flame structure
SMLK34 ROHM-SMLK34 Datasheet
1,018Kb / 4P
High heat radiation package from ROHM original flat frame structure
SMLK34 ROHM-SMLK34_11 Datasheet
1Mb / 4P
High heat radiation package from ROHM original flat frame
logo
List of Unclassifed Man...
57000 ETC2-57000 Datasheet
123Kb / 1P
Conductive Hinged Box with Foam
logo
Ralston Instruments.
NPAK-0080 RALSTON-NPAK-0080 Datasheet
206Kb / 1P
NPAK gauge compartment with foam liner
logo
List of Unclassifed Man...
89841 ETC2-89841 Datasheet
102Kb / 3P
Low cap 24 AWG stranded (7x32) TC conductors, plenum, foam FEP insulation
logo
PHOENIX CONTACT
2861360 PHOENIX-2861360 Datasheet
119Kb / 5P
IB IL 24 TC-PAC
1014402 PHOENIX-1014402 Datasheet
43Kb / 2P
Ink ribbon - TM-RIBBON 110-TC/TR WH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com