Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDP2S08SC Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # JDP2S08SC
Description  UHF~VHF Band RF Switch Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDP2S08SC Datasheet(HTML) 1 Page - Toshiba Semiconductor

  JDP2S08SC Datasheet HTML 1Page - Toshiba Semiconductor JDP2S08SC Datasheet HTML 2Page - Toshiba Semiconductor JDP2S08SC Datasheet HTML 3Page - Toshiba Semiconductor JDP2S08SC Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JDP2S08SC
2007-11-01
1
TOSHIBA Diode Silicon Epitaxial PIN Type
JDP2S08SC
UHF~VHF Band RF Switch Applications
• Suitable for reducing set’s size as a result from enabling high-density
mounting due to 2-pin small packages.
• Low series resistance: rs = 1.0 Ω (typ.)
• Low capacitance: CT = 0.21 pF (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
30
V
Forward current
IF
50
mA
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating
temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 10 μA
30
⎯
⎯
V
Reverse current
IR
VR = 30 V
⎯
⎯
0.1
μA
Forward voltage
VF
IF = 50 mA
⎯
0.89
0.95
V
Capacitance(Note2)
CT
VR = 1 V, f = 1 MHz
⎯
0.21
0.4
pF
Series resistance
rs
IF = 10 mA, f = 100 MHz
⎯
1.0
1.5
Ω
Note1: Signal level when capacitance is measured. Vsig = 100 mVrms
Marking
0.32±0.03
0.27±0.02
0.025±0.015
1:Cathode
2:Anode
1
2
JEDEC
―
JEITA
―
TOSHIBA
1-1R1A
Weight: 0.00017 g(Typ.)
Unit:mm
Cathode
Part Mark
SC2


Similar Part No. - JDP2S08SC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDP2S08SC TOSHIBA-JDP2S08SC_14 Datasheet
134Kb / 3P
UHF-VHF Band RF Switch Applications
More results

Similar Description - JDP2S08SC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDP2S02AFS TOSHIBA-JDP2S02AFS_07 Datasheet
131Kb / 3P
UHF~VHF Band RF Switch Applications
JDP2S05CT TOSHIBA-JDP2S05CT Datasheet
112Kb / 4P
UHF~VHF Band RF Switch Applications
JDP2S05FS TOSHIBA-JDP2S05FS Datasheet
101Kb / 4P
UHF~VHF Band RF Switch Applications
JDP2S12CR TOSHIBA-JDP2S12CR Datasheet
165Kb / 5P
UHF~VHF Band RF Switch Applications
JDP3C02AU TOSHIBA-JDP3C02AU Datasheet
125Kb / 3P
UHF~VHF Band RF Switch Applications
JDP3C13U TOSHIBA-JDP3C13U Datasheet
144Kb / 3P
UHF~VHF Band RF Switch Applications
JDP2S02ACT TOSHIBA-JDP2S02ACT_14 Datasheet
146Kb / 4P
UHF-VHF Band RF Switch Applications
JDP2S02AFS TOSHIBA-JDP2S02AFS_14 Datasheet
142Kb / 3P
UHF-VHF Band RF Switch Applications
JDP2S08SC TOSHIBA-JDP2S08SC_14 Datasheet
134Kb / 3P
UHF-VHF Band RF Switch Applications
JDP2S12CR TOSHIBA-JDP2S12CR_14 Datasheet
179Kb / 5P
UHF-VHF Band RF Switch Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com