Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDV2S07FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # JDV2S07FS
Description  VCO for UHF Band Radio
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDV2S07FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  JDV2S07FS Datasheet HTML 1Page - Toshiba Semiconductor JDV2S07FS Datasheet HTML 2Page - Toshiba Semiconductor JDV2S07FS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JDV2S07FS
2004-02-09
1
TOSHIBA DIODE Silicon Epitaxial Planar Type
JDV2S07FS
VCO for UHF Band Radio
• High Capacitance Ratio: C1V/C4V = 2.3 (typ.)
• Low Series Resistance : rs = 0.42 Ω (typ.)
• This device is suitable for use in a small-size tuner.
Maximum Ratings (Ta
= 25°C)
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 1 µA
10
⎯
⎯
V
Reverse current
IR
VR = 10 V
⎯
⎯
3
nA
C1V
VR = 1 V, f = 1 MHz
4.0
4.5
4.9
Capacitance
C4V
VR = 4 V, f = 1 MHz
1.85
2.0
2.35
pF
Capacitance ratio
C1V/C4V
⎯
2.0
2.3
⎯
⎯
Series resistance
rs
VR = 1 V, f = 470 MHz
⎯
0.42
0.55
Ω
Note: Signal level when capacitance is measured: Vsig = 500 mVrms
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
1-1L1A
Weight: 0.0006 g (typ.)
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
10
V
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
D
0.2
0.1±0.05
0.6±0.05
A
0.48+0.02
-0.03
±0.05
A
M
0.07


Similar Part No. - JDV2S07FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV2S07S TOSHIBA-JDV2S07S Datasheet
96Kb / 3P
VCO for UHF Band Radio
More results

Similar Description - JDV2S07FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV2S29FS TOSHIBA-JDV2S29FS Datasheet
113Kb / 3P
VCO for UHF Band Radio
1SV270 TOSHIBA-1SV270_07 Datasheet
266Kb / 3P
VCO for UHF Band Radio
01-Nov-2007
1SV280 TOSHIBA-1SV280_07 Datasheet
234Kb / 3P
VCO for UHF Band Radio
01-Nov-2007
1SV310 TOSHIBA-1SV310_07 Datasheet
175Kb / 3P
VCO for UHF Band Radio
01-Nov-2007
1SV314 TOSHIBA-1SV314_07 Datasheet
144Kb / 3P
VCO for UHF Band Radio
01-Nov-2007
1SV276TPH3F TOSHIBA-1SV276TPH3F Datasheet
159Kb / 3P
VCO for UHF Band Radio
01-Nov-2007
1SV277TPH3F TOSHIBA-1SV277TPH3F Datasheet
159Kb / 3P
VCO for UHF Band Radio
01-Nov-2007
1SV329TH3FT TOSHIBA-1SV329TH3FT Datasheet
124Kb / 3P
VCO for UHF Band Radio
JDV2S07S TOSHIBA-JDV2S07S Datasheet
96Kb / 3P
VCO for UHF Band Radio
JDV2S10T TOSHIBA-JDV2S10T Datasheet
91Kb / 3P
VCO for UHF Band Radio
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com