Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JDV2S09FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # JDV2S09FS
Description  VCO for UHF band
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

JDV2S09FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  JDV2S09FS Datasheet HTML 1Page - Toshiba Semiconductor JDV2S09FS Datasheet HTML 2Page - Toshiba Semiconductor JDV2S09FS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JDV2S09FS
2004-02-09
1
TOSHIBA Diode Silicon Epitaxial Planar Type
JDV2S09FS
VCO for UHF band
• High capacitance ratio: C1V/C4V = 2.1 (typ.)
• Low series resistance: rs = 0.33 Ω (typ.)
• This device is suitable for use in a small-size tuner.
Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
10
V
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Electrical Characteristics (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 1 µA
10
⎯
⎯
V
Reverse current
IR
VR = 10 V
⎯
⎯
3
nA
C1V
VR = 1 V, f = 1 MHz
9.7
⎯
11.1
Capacitance
C4V
VR = 4 V, f = 1 MHz
4.45
⎯
5.45
pF
Capacitance ratio
C1V/C4V
⎯
1.8
2.1
⎯
⎯
Series resistance
rs
VR = 1 V, f = 470 MHz
⎯
0.33
0.45
Ω
Note: Signal level when capacitance is measured. Vsig = 500 mVrms
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
1-1L1A
Weight: 0.0006 g (typ.)
B
0.2
0.1±0.05
0.6±0.05
A
0.48+0.02
-0.03
±0.05
A
M
0.07


Similar Part No. - JDV2S09FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV2S09S TOSHIBA-JDV2S09S Datasheet
74Kb / 2P
VCO for UHF band
JDV2S09S TOSHIBA-JDV2S09S_07 Datasheet
111Kb / 3P
VCO for UHF band
More results

Similar Description - JDV2S09FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
JDV2S09S TOSHIBA-JDV2S09S Datasheet
74Kb / 2P
VCO for UHF band
JDV2S05E TOSHIBA-JDV2S05E Datasheet
65Kb / 1P
VCO for UHF band
1SV280 TOSHIBA-1SV280_07 Datasheet
234Kb / 3P
VCO for UHF Band Radio
1SV293 TOSHIBA-1SV293_07 Datasheet
103Kb / 2P
VCO for UHF Band Radio
1SV314 TOSHIBA-1SV314_07 Datasheet
144Kb / 3P
VCO for UHF Band Radio
JDV2S05S TOSHIBA-JDV2S05S Datasheet
110Kb / 3P
VCO for UHF band
JDV2S07FS TOSHIBA-JDV2S07FS Datasheet
149Kb / 3P
VCO for UHF Band Radio
JDV2S08FS TOSHIBA-JDV2S08FS Datasheet
115Kb / 3P
VCO for the UHF band
JDV2S09S TOSHIBA-JDV2S09S_07 Datasheet
111Kb / 3P
VCO for UHF band
JDV2S07S TOSHIBA-JDV2S07S Datasheet
96Kb / 3P
VCO for UHF Band Radio
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com