Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K04FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM3K04FS
Description  High Speed Switch Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K04FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM3K04FS Datasheet HTML 1Page - Toshiba Semiconductor SSM3K04FS Datasheet HTML 2Page - Toshiba Semiconductor SSM3K04FS Datasheet HTML 3Page - Toshiba Semiconductor SSM3K04FS Datasheet HTML 4Page - Toshiba Semiconductor SSM3K04FS Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSM3K04FS
2007-11-01
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
SSM3K04FS
High Speed Switch Applications
• With built-in gate-source resistor: RGS = 1 MΩ (typ.)
• 2.5 V gate drive
• Low gate threshold voltage: Vth = 0.7~1.3 V
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDS
20
V
Gate-source voltage
VGSS
10
V
DC drain current
ID
100
mA
Drain power dissipation
PD
100
mW
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and
individual reliability data (i.e. reliability test report and estimated failure rate, etc).
Marking
Equivalent Circuit
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-2H1B
Weight: 2.4 mg (typ.)


Similar Part No. - SSM3K04FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K04FE TOSHIBA-SSM3K04FE Datasheet
178Kb / 5P
High Speed Switching Applications
SSM3K04FE TOSHIBA-SSM3K04FE Datasheet
576Kb / 5P
High Speed Switching Applications
SSM3K04FE TOSHIBA-SSM3K04FE_07 Datasheet
576Kb / 5P
High Speed Switching Applications
SSM3K04FU TOSHIBA-SSM3K04FU Datasheet
583Kb / 5P
High Speed Switch Applications
SSM3K04FV TOSHIBA-SSM3K04FV Datasheet
527Kb / 5P
High Speed Switching Applications
More results

Similar Description - SSM3K04FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6N16FU TOSHIBA-SSM6N16FU Datasheet
143Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM5N15FE TOSHIBA-SSM5N15FE Datasheet
150Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM6N7002FU TOSHIBA-SSM6N7002FU Datasheet
158Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM3K04FU TOSHIBA-SSM3K04FU Datasheet
583Kb / 5P
High Speed Switch Applications
SSM6N04FU TOSHIBA-SSM6N04FU_07 Datasheet
615Kb / 5P
High Speed Switch Applications
SSM3K35MFV TOSHIBA-SSM3K35MFV Datasheet
205Kb / 5P
High-Speed Switching Applications Analog Switch Applications
SSM6L35FE TOSHIBA-SSM6L35FE Datasheet
225Kb / 8P
High-Speed Switching Applications Analog Switch Applications
SSM6N7002BFE TOSHIBA-SSM6N7002BFE Datasheet
185Kb / 5P
High-Speed Switching Applications Analog Switch Applications
SSM6N37FU TOSHIBA-SSM6N37FU Datasheet
200Kb / 5P
High Speed Switching Applications Analog Switch Applications
SSM3K16FVTL3T TOSHIBA-SSM3K16FVTL3T Datasheet
94Kb / 5P
High Speed Switching Applications Analog Switch Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com