Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K04FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM3K04FU
Description  High Speed Switch Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K04FU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM3K04FU Datasheet HTML 1Page - Toshiba Semiconductor SSM3K04FU Datasheet HTML 2Page - Toshiba Semiconductor SSM3K04FU Datasheet HTML 3Page - Toshiba Semiconductor SSM3K04FU Datasheet HTML 4Page - Toshiba Semiconductor SSM3K04FU Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SSM3K04FU
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = 10 V, VDS = 0
⎯
⎯
15
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 100 μA, VGS = 0
20
⎯
⎯
V
Drain cut-off current
IDSS
VDS = 20 V, VGS = 0
⎯
⎯
1
μA
Gate threshold voltage
Vth
VDS = 3 V, ID = 0.1 mA
0.7
⎯
1.3
V
Forward transfer admittance
⎪Yfs⎪
VDS = 3 V, ID = 10 mA
25
50
⎯
mS
Drain-source ON resistance
RDS (ON)
ID = 10 mA, VGS = 2.5 V
⎯
4
12
Ω
Input capacitance
Ciss
VDS = 3 V, VGS = 0, f = 1 MHz
⎯
11.0
⎯
pF
Reverse transfer capacitance
Crss
VDS = 3 V, VGS = 0, f = 1 MHz
⎯
3.3
⎯
pF
Output capacitance
Coss
VDS = 3 V, VGS = 0, f = 1 MHz
⎯
9.3
⎯
pF
Turn-on time
ton
VDD = 3 V, ID = 10 mA, VGS = 0~2.5 V
⎯
0.16
⎯
Switching time
Turn-off time
toff
VDD = 3 V, ID = 10 mA, VGS = 0~2.5 V
⎯
0.19
⎯
μs
Gate-source resistor
RGS
VGS = 0~10 V
0.7
1.0
1.3
M
Ω
Switching Time Test Circuit
(a)
Test circuit
(b)
VIN
VGS
(c)
VOUT
VDS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com