Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HCT02AP Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74HCT02AP
Description  Quad 2-Input NOR Gate
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT02AP Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74HCT02AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT02AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT02AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT02AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT02AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT02AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT02AP Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC74HCT02AP/AF/AFN
2007-10-01
3
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
⎯
4.5~5.5
2.0
⎯
⎯
2.0
⎯
V
Low-level input
voltage
VIL
⎯
4.5~5.5
⎯
⎯
0.8
⎯
0.8
V
IOH = −20 μA
4.5
4.4
4.5
⎯
4.4
⎯
High-level output
voltage
VOH
VIN
= VIH or VIL I
OH = −4 mA
4.5
4.18
4.31
⎯
4.13
⎯
V
IOL = 20 μA
4.5
⎯
0.0
0.1
⎯
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL I
OL = 4 mA
4.5
⎯
0.17
0.26
⎯
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
5.5
⎯
⎯
±0.1
⎯
±1.0
μA
ICC
VIN = VCC or GND
5.5
⎯
⎯
1.0
⎯
10.0
μA
Quiescent supply
current
IC
Per input: VIN = 0.5 V or 2.4 V
Other input: VCC or GND
5.5
⎯
⎯
2.0
⎯
2.9
mA
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
⎯
⎯
6
12
ns
Propagation delay time
tpLH
tpHL
⎯
⎯
9
15
ns
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
⎯
4.5
5.5
⎯
⎯
8
7
15
13
⎯
⎯
19
16
ns
Propagation delay
time
tpLH
tpHL
⎯
4.5
5.5
⎯
⎯
12
11
18
16
⎯
⎯
23
20
ns
Input capacitance
CIN
⎯
⎯
5
10
⎯
10
pF
Power dissipation
capacitance
CPD
(Note)
⎯
⎯
18
⎯
⎯
⎯
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/4 (per gate)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com