Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803343 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803343
Description  TMP-UCT-MAG2 - Magazine
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803343 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803343 Datasheet HTML 1Page - PHOENIX CONTACT 0803343 Datasheet HTML 2Page - PHOENIX CONTACT 0803343 Datasheet HTML 3Page - PHOENIX CONTACT 0803343 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Magazine
Dimensions
Width
114 mm
Height
11.5 mm
Depth
9.5 mm
Length
166 mm
Material specifications
RoHS compliant
yes
Environmental and real-life conditions
Ambient conditions
Recommended storage conditions
23 °C/50 % relative humidity. Storage in a dry and dark place in
the original packaging is recommended.
TMP-UCT-MAG2 - Magazine
0803343
https://www.phoenixcontact.com/us/products/0803343
Apr 23, 2025, 8:53AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com