Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP554 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP554
Description  SIMPLEX/MULTIPLEX DATA TRANSMISSION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP554 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP554_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP554_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP554_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP554_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP554_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP554_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP554_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP554_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP554
2007-10-01
3
Electrical Characteristics (Ta = 0~70°C , VCC=4.5~5.5V , VFL≤1.0V)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.*
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA , Ta=25°C
1.65
1.80
V
Temperature Coefficient of Forward
Voltage
∆VF/∆Ta
IF = 10 mA ,
⎯
-2.0
⎯
mV/°C
Input Reverse Current
IR
VR=5V, Ta=25°C
⎯
⎯
10
μA
Input Capacitance
CT
V = 0 , f = 1MHz , Ta=25°C
⎯
45
⎯
pF
Ta
=0~70°C
⎯
10
250
High-Level Output Current
IOH
VF = 1.0V
VO = 5.5V
VE = 2.0V
Ta=25°C
⎯
0.5
10
μA
Low-Level Output Voltage
VOL
IF=5mA , VE=2.0V , IOL=13mA
⎯
0.4
0.6
V
High Level input current
IFH
IOL=13mA , VE=2.0V , VOL=0.6V
⎯
⎯
5
mA
High Level
ICCH
IF=0mA
⎯
7
15
Supply Current
Low Level
ICCL
VCC=5.5V
VE=0.5V
IF=10mA
⎯
12
19
mA
High Level
IEH
VE=2.0V
⎯
-1.0
⎯
Enable Current
Low Level
IEL
VCC=5.5V
VE=0.5V
⎯
-1.6
-2.0
mA
High Level
VEH
⎯
(Note 6)
2.0
⎯
⎯
Enable Voltage
Low Level
VEL
⎯
⎯
⎯
0.8
V
Capacitance (Input-Output)
CS
VS=0 , f=1MHz , Ta=25℃
⎯
0.6
⎯
pF
Resistance (Input-Output)
RS
VS=500V , Ta=25℃ , R.H. ≤60%
5×10
10
10
14
⎯
Ω
(*)All typ.values are at Ta=25
°C
(Note 6) No pull up resistor required as the device has an internal pull up resistor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com