Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP557 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP557
Description  Inverter For Air Conditioner
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP557 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP557 Datasheet HTML 1Page - Toshiba Semiconductor TLP557 Datasheet HTML 2Page - Toshiba Semiconductor TLP557 Datasheet HTML 3Page - Toshiba Semiconductor TLP557 Datasheet HTML 4Page - Toshiba Semiconductor TLP557 Datasheet HTML 5Page - Toshiba Semiconductor TLP557 Datasheet HTML 6Page - Toshiba Semiconductor TLP557 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP557
2007-10-01
2
Absolute Maximum Ratings
Characteristic
Symbol
Rating
Unit
Forward current
IF
25
mA
Peak transient forward
current
(Note 1)
IFPT
1
A
Reverse voltage
VR
5
V
Junction temperature
(Tj)
125
°C
Output current
(f ≤ 5kHz, Duty ≤ 50%)
IO
+0.32 /
−0.32
A
Peak output current
(PW ≤ 10μs, f ≤ 5kHz)
IOP
+2 /
−0.5
A
Output voltage
VO
16
V
Supply voltage
VCC
16
V
O1 terminal to O2 terminal
(pin 7
−pin 6) voltage
V1−2
1.5
V
O2 terminal to O1 terminal
(pin 6
−pin 7) voltage
V2−1
5
V
Power dissipation
(Note 2)
Po
0.5
W
Junction temperature
(Tj)
125
°C
Total package power dissipation
(Note 3)
POT
0.55
W
Operating temperature range
Topr
−30~70
°C
Storage temperature range
Tstg
−55~125
°C
Lead solder temperature (10 s)
Tsol
260
°C
Isolation voltage (AC, 1 min.,
R.H.≤ 60%, Ta=25°C)
(Note 4)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note 1) Pulse width PW ≤ 1μs, 300pps
(Note 2) ΔPo / °C=−6.7mW / °C (Ta ≥ 50°C)
(Note 3) ΔPOT / °C=−7.4mW / °C (Ta ≥ 50°C)
(Note 4) Device considered a two terminal device: Pins 1, 2, 3 and 4 shorted together, and pins 5, 6, 7 and 8 shorted
together.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com