Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QO2C-M-50-1 Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # QO2C-M-50-1
Description  Calibration Kits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QO2C-M-50-1 Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QO2C-M-50-1 Datasheet HTML 1Page - Qualwave Inc. All rights reserved. QO2C-M-50-1 Datasheet HTML 2Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Calibration Kits
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.2
1
QCK-2-50-1
2.4mm Connectors, DC~50GHz, Precision type
Features:
Applications:
* High Precision
* Calibration
* Laboratory Test
Description
With the components in the kit you can make error-corrected measurements of devices supplied with 2.4mm connectors from DC to 50 GHz.
Components
Part Number
Description
Frequency VSWR
Phase
Accuracy
Inner Conductor
Outer Conductor
Size
(GHz)
(Max.)
( °, Max.)
(mm)
QO2C-M-50-1
2.4mm male open
DC~50
-
±2.5
Gold plated beryllium
copper
Gold plated beryllium
copper
-
QO2C-F-50-1
2.4mm female open
QS2C-M-50-1
2.4mm male short
-
±2.5
-
QS2C-F-50-1
2.4mm female short
QCT-2-C-M-50-1
2.4mm male termination
1.052
-
-
QCT-2-C-F-50-1 2.4mm female termination
QW-21-CK
2.4mm torque wrench
(0.9Nm torque)
-
-
Nickel plated tool
steel (Head)
Alumina
(Handle)
8
(Opening
size)
QA22C-MM*
2.4mm male to 2.4mm male
adapter
1.12
-
Gold plated beryllium
copper
Gold plated beryllium
copper
-
QA22C-MF*
2.4mm male to 2.4mm
female adapter
-
-
QA22C-FF*
2.4mm female to 2.4mm
female adapter
-
-
Storage Box
-
-
-
Wood
275*200*80
“*”Equal phase adapter


Similar Part No. - QO2C-M-50-1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QO200 SCHNEIDER-QO200 Datasheet
158Kb / 3P
Mini Switch, QO, 60 A, 2P, 240 V, 10 kA, Plug in
Dec 6, 2019
QO2000 SCHNEIDER-QO2000 Datasheet
144Kb / 3P
Mini Switch, QO, 100 A, 2P, 240 V, 10 kA, Plug in
QO2000NRB SCHNEIDER-QO2000NRB Datasheet
108Kb / 2P
Molded Case Switch, QO, 100 A, 2P, 240 V, 10 kA, Plug in, NEMA 3R
QO2000NS SCHNEIDER-QO2000NS Datasheet
100Kb / 2P
Molded Case Switch, QO, 100 A, 2P, 240 V, 10 kA, Plug in, NEMA 1
QO200TR SCHNEIDER-QO200TR Datasheet
106Kb / 3P
Molded Case Switch, QO, 60 A, 1PH, 240 V, 22 kA, A/C
Nov 26, 2019
More results

Similar Description - QO2C-M-50-1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2560 MAXIM-MAX2560 Datasheet
1Mb / 22P
Evaluation Kits
Rev 0; 7/04
MAX2361 MAXIM-MAX2361 Datasheet
906Kb / 13P
Evaluation Kits
Rev 2; 5/01
MAX2387 MAXIM-MAX2387 Datasheet
278Kb / 6P
Evaluation Kits
Rev 1; 5/01
MAX2430 MAXIM-MAX2430_1 Datasheet
125Kb / 6P
Evaluation Kits
Rev 2; 1/98
logo
National Instruments Co...
777608-02 NI-777608-02 Datasheet
1Mb / 5P
Calibration
logo
Coilcraft lnc.
C422 COILCRAFT-C422 Datasheet
237Kb / 4P
Designers Kits
C349 COILCRAFT-C349 Datasheet
237Kb / 4P
Designers Kits
logo
celduc-relais
1LK00100 CELDUC-1LK00100 Datasheet
239Kb / 1P
MOUNTING KITS
logo
VIA Technologies, Inc.
ENT-610M VIA-ENT-610M Datasheet
438Kb / 2P
Starter Kits
logo
Maxim Integrated Produc...
MAX17300 MAXIM-MAX17300 Datasheet
9Mb / 41P
Evaluation Kits
Rev 4; 3/21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com