Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP421F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP421F
Description  GaAs IRed & Photo−Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP421F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP421F Datasheet HTML 1Page - Toshiba Semiconductor TLP421F Datasheet HTML 2Page - Toshiba Semiconductor TLP421F Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TLP421F
2007-10-01
1
TOSHIBA Photocoupler GaAs IRed & Photo−Transistor
TLP421F
Office Equipment
Household Appliances
Solid State Relays
Switching Power Supplies
Various Controllers
Signal Transmission Between Different Voltage Circuits
The TOSHIBA TLP421F consists of a silicone photo−transistor optically
coupled to a gallium arsenide infrared emitting diode in a four lead
plastic DIP (DIP4) with having high isolation voltage
(AC: 5kVRMS (min)).
Absolute maximum ratings and electrical characteristics are the same as
TLP421 technical datasheet.
• Collector−emitter voltage: 80V (min)
• Current transfer ratio: 50% (min)
Rank GB: 100% (min)
• Isolation voltage: 5000 Vrms (min)
• UL recognized: UL1577
• BSI approved: BS EN60065: 2002
Approved no. 8411
BS EN60950-1: 2002
Approved no. 8412
• SEMKO approved: EN60065, EN60950, EN60335
Approved no. 9910249 / 01
Pin Configurations
(top view)
1
2
3
4
1 : ANODE
2 : CATHODE
3 : EMITTER
4 : COLLECTOR
Unit in mm
TOSHIBA
11−5B202
Weight: 0.26 g


Similar Part No. - TLP421F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
More results

Similar Description - TLP421F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP181 TOSHIBA-TLP181_02 Datasheet
152Kb / 9P
GaAs Ired and Photo−Transistor
TLP523 TOSHIBA-TLP523_07 Datasheet
262Kb / 7P
GaAs Ired & Photo−Transistor
TLP504A TOSHIBA-TLP504A_07 Datasheet
228Kb / 8P
GaAs Ired & Photo−Transistor
TLP371 TOSHIBA-TLP371_07 Datasheet
211Kb / 8P
GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
GaAs Ired & Photo−Transistor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181_07 Datasheet
173Kb / 9P
Photocoupler GaAs Ired & Photo−Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com