Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HCT240AP Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74HCT240AP
Description  Octal Bus Buffer with TTL Input Level
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT240AP Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74HCT240AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT240AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT240AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT240AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT240AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT240AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT240AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HCT240AP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC74HCT240,244AP/AF
2007-10-01
5
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
CL
(pF)
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
⎯
50
4.5
5.5
⎯
⎯
7
6
12
11
⎯
⎯
15
14
ns
50
4.5
5.5
⎯
⎯
15
13
22
20
⎯
⎯
28
25
Propagation delay
time
(Note 2)
tpLH
tpHL
⎯
150
4.5
5.5
⎯
⎯
21
16
30
27
⎯
⎯
38
34
ns
50
4.5
5.5
⎯
⎯
15
13
25
22
⎯
⎯
31
28
Propagation delay
time
(Note 3)
tpLH
tpHL
⎯
150
4.5
5.5
⎯
⎯
21
18
33
29
⎯
⎯
41
37
ns
50
4.5
5.5
⎯
⎯
17
14
30
27
⎯
⎯
38
34
3-state output enable
time
tpZL
tpZH
RL = 1 kΩ
150
4.5
5.5
⎯
⎯
23
20
38
34
⎯
⎯
48
43
ns
3-state output disable
time
tpLZ
tpHZ
RL = 1 kΩ
50
4.5
5.5
⎯
⎯
16
13
30
27
⎯
⎯
38
34
ns
Input capacitance
CIN
⎯
⎯
5
10
⎯
10
pF
Output capacitance
COUT
⎯
⎯
10
⎯
⎯
⎯
pF
(Note 2)
⎯
33
⎯
⎯
⎯
Power dissipation
capacitance
(Note 1)
CPD
(Note 3)
⎯
31
⎯
⎯
⎯
pF
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)
Note 2: TC74HCT240A
Note 3: TC74HCT244A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com