Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HCT652AP Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TC74HCT652AP
Description  Octal Bus Transceiver/Register (3-state)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT652AP Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TC74HCT652AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT652AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT652AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT652AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT652AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT652AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT652AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HCT652AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HCT652AP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TC74HCT652AP
2007-10-01
7
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
CL (pF) VCC (V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
⎯
50
4.5
5.5
⎯
⎯
7
6
12
11
⎯
⎯
15
14
ns
50
4.5
5.5
⎯
⎯
20
17
30
27
⎯
⎯
38
34
Propagation delay
time
(BUS-bus)
tpLH
tpHL
⎯
150
4.5
5.5
⎯
⎯
25
22
38
34
⎯
⎯
48
43
ns
50
4.5
5.5
⎯
⎯
29
26
44
40
⎯
⎯
55
50
Propagation delay
time
(CAB, CBA-bus)
tpLH
tpHL
⎯
150
4.5
5.5
⎯
⎯
34
31
52
47
⎯
⎯
65
59
ns
50
4.5
5.5
⎯
⎯
24
21
34
31
⎯
⎯
43
39
Propagation delay
time
(SAB, SBA-bus)
tpLH
tpHL
⎯
150
4.5
5.5
⎯
⎯
29
26
42
38
⎯
⎯
53
48
ns
50
4.5
5.5
⎯
⎯
22
20
33
30
⎯
⎯
41
37
Output enable time
(GAB, GBA -bus)
tpZL
tpZH
RL = 1 kΩ
150
4.5
5.5
⎯
⎯
27
24
41
37
⎯
⎯
51
46
ns
Output enable time
(GAB, GBA -bus)
tpLZ
tpHZ
RL = 1 kΩ
50
4.5
5.5
⎯
⎯
24
22
35
32
⎯
⎯
44
40
ns
Maximum clock
frequency
fmax
⎯
50
4.5
5.5
31
37
55
61
⎯
⎯
25
30
⎯
⎯
MHz
Input capacitance
CIN
GAB, GBA , SAB, SBA, CAB, CBA
⎯
5
10
⎯
10
pF
Output capacitance
COUT
An, Bn
⎯
13
⎯
⎯
⎯
pF
Power dissipation
capacitance
CPD
(Note)
⎯
⎯
39
⎯
⎯
⎯
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com