Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HCT4053AFN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HCT4053AFN
Description  Triple 2-Channel Analog Multiplexer/Demultiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT4053AFN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HCT4053AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HCT4053AFN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC74HCT4053AF/AFN/AFT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HCT4053AF,TC74HCT4053AFN,TC74HCT4053AFT
Triple 2-Channel Analog Multiplexer/Demultiplexer
The TC74HCT4053A are high speed CMOS ANALOG
MULTIPLEXER/DEMULTIPLEXER fabricated with silicon gate
C2MOS technology. They achieve the high speed operation similar
to equivalent LSTTL while maintaining the CMOS low power
dissipation.
This device may be used as a level converter for interfacing TTL
or NMOS to High Speed CMOS. This inputs are compatible with
TTL, NMOS and CMOS output voltage levels.
The TC74HCT4053A has a 2 channel
× 3 configuration.
The digital signal to the control terminal turns “ON” the
corresponding switch of each channel a large amplitude signal
(VCC − VEE) can then be switched by the small logical amplitude
(VCC − GND) control signal.
For example, in the case of VCC = 5 V, GND = 0 V, VEE = −5 V,
signals between
−5 V and +5 V can be switched from the logical
circuit with a single power supply of 5 V. As the ON-resistance of
each switch is low, they can be connected to circuits with low
input impedance.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 30 ns (typ.) at VCC = 5 V
VEE = 0 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL output: VIH = 2.0 V (min)
VIL = 0.8 V (max)
• Wide interfacing ability: LSTTL, NMOS, CMOS
• Low ON resistance: RON = 50 Ω (typ.) at VCC − VEE = 9 V
• High noise immunity: THD = 0.02% (typ.) at VCC − VEE = 9 V
• Pin and function compatible with 4053B
Pin Assignment
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74HCT4053AF
TC74HCT4053AFN
TC74HCT4053AFT
Weight
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)
VCC
16
Y-COM
X-COM
1X
15
14
13
12
11
10
1
2
3
4
5
6
7
Z-COM
0Z
INH
VEE
GND
0X
8
9
A
B
(top view)
0Y
1Z
1Y
C


Similar Part No. - TC74HCT4053AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT00 TOSHIBA-TC74HCT00 Datasheet
192Kb / 5P
QUAD 2-INPUT NAND GATE
TC74HCT00AF TOSHIBA-TC74HCT00AF Datasheet
192Kb / 5P
QUAD 2-INPUT NAND GATE
TC74HCT00AF TOSHIBA-TC74HCT00AF Datasheet
254Kb / 7P
Quad 2-Input NAND Gate
TC74HCT00AFN TOSHIBA-TC74HCT00AFN Datasheet
192Kb / 5P
QUAD 2-INPUT NAND GATE
TC74HCT00AFN TOSHIBA-TC74HCT00AFN Datasheet
254Kb / 7P
Quad 2-Input NAND Gate
More results

Similar Description - TC74HCT4053AFN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
Triple 2-channel Analog Multiplexer / Demultiplexer
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
17-May-2004
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com