Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1506 Datasheet(PDF) 1 Page - ams AG

Part # AS1506
Description  256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1506 Datasheet(HTML) 1 Page - ams AG

  AS1506 Datasheet HTML 1Page - ams AG AS1506 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS1506
256-Tap Digita l Potentiometer with SPI Interface and
High Endurance EEPROM
Produ ct Brief
www.austriamicrosystems.com
Revision 1.01
1 - 2
1 General Description
The AS1506 is a linear, 256-tap digital potentiometer
specifically designed to replace discrete/mechanical
potentiometers and is ideal for applications requiring a
low-temperature-coefficient variable resistor, such as
low-drift, programmable gain, and amplifier circuit con-
figurations.
The device is controlled via a 3-wire SPI-compatible
interface and features an internal EEPROM for storing
wiper positions.
Several device variants are available differentiated by
end-to-end resistance as shown in Table 1.
The 3-wire SPI-compatible serial interface allows com-
munication at data rates up to 5MHz.The internal
EEPROM stores the last wiper position for initialization
during power-up and a low-power standby mode.
The devices are available in an 8-pin TDFN 3x3mm
package.
Figure 1. Block Diagram
2 Key Features
!
High Endurance: EEPROM up to 10M cycles
!
High Reliability: EEPROM up to 150 years data
retension @ 85°C
!
Wiper Position Retained in EEPROM and loaded at
Power-Up
!
256 Tap Positions
!
±0.5LSB DNL in Voltage Divider Mode
!
±0.5LSB INL in Voltage Divider Mode
!
End-to-End Resistance: 10/50/100k
Ω
!
Low End-to-End Resistance Temperature
Coefficient: 90ppm/ºC
!
Low-Power Standby Mode: 100nA
!
5MHz SPI-Compatible Serial Interface
!
Single-Supply Operation: +2.7 to +5.5V
!
8-pin TDFN 3x3mm Package
3 Applications
The device is ideal for mechanical potentiometer
replacement, low-drift programmable gain amplifiers,
audio volume control, LCD contrast control, and low-drift
programmable filters.
Table 1. Standard Products
Model
End-to-End Resistance (k
Ω)
AS1506-10
10
AS1506-50
50
AS1506-100
100
256-Position
Decoder
8-Bit
EEPROM
8-Bit
Latch
SPI
Interface
8-Bit
Shift Register
8-Bit
Latch
8-Bit
EEPROM
AS1506
256-Position
Decoder
8
8
256
2
SCLK
1
VDD
3
SDIO
4
CSN
6
LOW
5
GND
7
WIPER
8
HIGH
Power-
On
Reset
SPI
Interface


Similar Part No. - AS1506

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1506-10 AMSCO-AS1506-10 Datasheet
537Kb / 17P
256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
AS1506-100 AMSCO-AS1506-100 Datasheet
537Kb / 17P
256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
AS1506-50 AMSCO-AS1506-50 Datasheet
537Kb / 17P
256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
AS1506-BTDT-10 AMSCO-AS1506-BTDT-10 Datasheet
537Kb / 17P
256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
AS1506-BTDT-100 AMSCO-AS1506-BTDT-100 Datasheet
537Kb / 17P
256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
More results

Similar Description - AS1506

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
logo
ON Semiconductor
CAT5251WI-50 ONSEMI-CAT5251WI-50 Datasheet
227Kb / 15P
Quad Digitally Programmable Potentiometer with 256 Taps and SPI Interface
Doc. No. MD-2017 Rev. G
logo
ams AG
AS1506 AMSCO-AS1506_1 Datasheet
537Kb / 17P
256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
AS1507 AMSCO-AS1507 Datasheet
530Kb / 17P
Dual 256-Tap Digital Potentiometer with SPI Interface and High Endurance EEPROM
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0202-10 TI1-TPL0202-10 Datasheet
948Kb / 30P
256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH SPI INTERFACE AND NONVOLATILE MEMORY
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
256 Taps Single Channel Digital Potentiometer With SPI Interface
logo
Maxim Integrated Produc...
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
logo
Texas Instruments
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com