Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K7002F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # SSM3K7002F
Description  High-Speed Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM3K7002F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  SSM3K7002F Datasheet HTML 1Page - Toshiba Semiconductor SSM3K7002F Datasheet HTML 2Page - Toshiba Semiconductor SSM3K7002F Datasheet HTML 3Page - Toshiba Semiconductor SSM3K7002F Datasheet HTML 4Page - Toshiba Semiconductor SSM3K7002F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SSM3K7002F
2007-11-01
3
ID - VDS
0
100
200
300
400
500
600
700
800
900
1000
00.51
1.52
Drain-Source Voltage VDS (V)
Common Source
Ta = 25 °C
VGS = 2.3 V
2.5
2.7
3.0
3.3
4.0
4.5
5
10
7
ID - VGS
0.01
0.1
1
10
100
1000
012
345
Gate-Source Voltage VGS (V)
Common Source
VDS = 10 V
Ta = 100 °C
25 °C
- 25 °C
RDS(ON) - ID
0
1
2
3
4
5
10
100
1000
Drain Current ID (mA)
Common Source
Ta = 25 °C
VGS = 4.5 V
5.0 V
10 V
RDS(ON) - VGS
0
1
2
3
4
5
024
68
10
Gate-Source Voltage VGS (V)
Common Source
ID = 100 mA
Ta = 100 °C
25 °C
- 25 °C
RDS(ON) - Ta
0
1
2
3
4
5
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (°C)
Common Source
VGS = 4.5 V , ID = 100 mA
5.0 V , 100 mA 10 V , 500 mA
Vth - Ta
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-25
0
25
50
75
100
125
150
Ambient Temperature Ta (°C)
Common Source
ID = 0.25 mA
VDS = 10 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com