Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AEQ15AF48 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AEQ15AF48
Description  Industry Standard 쩌 Brick w/ Baseplate: 36V-75V Input; 60W Output Power
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEQ15AF48 Datasheet(HTML) 2 Page - Astec America, Inc

  AEQ15AF48 Datasheet HTML 1Page - Astec America, Inc AEQ15AF48 Datasheet HTML 2Page - Astec America, Inc AEQ15AF48 Datasheet HTML 3Page - Astec America, Inc AEQ15AF48 Datasheet HTML 4Page - Astec America, Inc AEQ15AF48 Datasheet HTML 5Page - Astec America, Inc AEQ15AF48 Datasheet HTML 6Page - Astec America, Inc AEQ15AF48 Datasheet HTML 7Page - Astec America, Inc AEQ15AF48 Datasheet HTML 8Page - Astec America, Inc AEQ15AF48 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Technical Reference Notes
AEQ15AF48 Series
(Dual Output Quarter Brick - Baseplate)
MODEL: AEQ15AF48 SERIES
SHEET 2 OF 15
JUNE 16, 2003 - REVISION 01
AEQ15 Series
THIS SPECIFICATION COVERS THE REQUIREMENTS FOR A NEW ¼-BRICK SIZE
12A-15A/ DUAL CHANNEL HIGH EFFICIENCY DC/DC CONVERTER.
MODEL NAME
CONSTRUCTION
VOUT / IOUT
AEQ15AF48
Baseplate; 5mm pin length
5V / 12A; 3.3V / 15A
AEQ15AF48-6
Baseplate; 3.7mm pin length
5V / 12A; 3.3V / 15A
AEQ15AF48N
Baseplate; 5mm pin length
5V / 12A; 3.3V / 15A
AEQ15AF48N-6
Baseplate; 3.7mm pin length
5V / 12A; 3.3V / 15A
OPTIONS:
SUFFIX
Negative Enable:
"N"
Positive Enable:
No suffix
5mm (default) pin length:
No Suffix
3.7mm pin length:
“-6”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com