Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIF12W300 Datasheet(PDF) 2 Page - Astec America, Inc

Part # AIF12W300
Description  DC-DC Converter Module
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF12W300 Datasheet(HTML) 2 Page - Astec America, Inc

  AIF12W300 Datasheet HTML 1Page - Astec America, Inc AIF12W300 Datasheet HTML 2Page - Astec America, Inc AIF12W300 Datasheet HTML 3Page - Astec America, Inc AIF12W300 Datasheet HTML 4Page - Astec America, Inc AIF12W300 Datasheet HTML 5Page - Astec America, Inc AIF12W300 Datasheet HTML 6Page - Astec America, Inc AIF12W300 Datasheet HTML 7Page - Astec America, Inc AIF12W300 Datasheet HTML 8Page - Astec America, Inc AIF12W300 Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Technical Reference Notes
AIF12W300 DC-DC Series
MODEL: AIF12W300 SERIES
SHEET 2 OF 37
JUNE 2006
Electrical Specifications
STANDARD TEST CONDITION on a single unit, unless otherwise indicated, electrical specifications apply over all
operating input voltage and temperature conditions.
Tamb
25
°C
Vin
300 V
± 2%
Enable
Open
CLK IN
Open
CLK OUT
Open
CSHARE
Open
Iout
75% Io max ± 2%
AUX OUTPUT
Open
-Sense
connect to –Vout
V ADJ
Open
C MON
Open
TEMP MON
Open
C LIM ADJ
Open
OVP ADJ
Open
PG/ID
Open
I/P Cap requirement
68µF/450V min.
ABSOLUTE MAXIMUM RATINGS
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress
ratings only. Functional operation of the device is not implied at these or any other conditions in excess of those given in the
operational sections of the IPS. Exposure to absolute maximum ratings for extended periods can adversely affect device
reliability.
Parameter
Symbol
Min
Typ
Max
Unit
Input Voltage:
Continuous:
Transient (100ms)
VI
VI, trans
250
-
-
420
500
Vdc
Vdc
Operating Baseplate Temperature
Tc
-20
-
100
°C
Start up Baseplate Temperature
-
-40
-
100
°C
Storage Temperature
TSTG
-55
-
125
°C
Operating Humidity
-
15
-
95
%
I/O Isolation
-
2700
-
-
Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com