Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGA.1R.367.GLC92 Datasheet(PDF) 1 Page - LEMO Connectors

Part # FGA.1R.367.GLC92
Description  Plug - Straight
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEMO [LEMO Connectors]
Direct Link  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

FGA.1R.367.GLC92 Datasheet(HTML) 1 Page - LEMO Connectors

  FGA.1R.367.GLC92 Datasheet HTML 1Page - LEMO Connectors FGA.1R.367.GLC92 Datasheet HTML 2Page - LEMO Connectors FGA.1R.367.GLC92 Datasheet HTML 3Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.lemo.com/int_en/fga-1r-367-glc92.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
FGA.1R.367.GLC92
Image for illustrative purpose only
Summary
Request a quote
Catalog
Number of contacts Low Voltage
67
Plug
Plug - Straight
Locking system
Push-pull
Jacket cable outside diameter [mm]
2.00 - 9.20 mm
Size
1R
Suggested matching part
EGA.1R.367.GLM


Similar Part No. - FGA.1R.367.GLC92

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
FGA.1R.365.ALC92 LEMO-FGA.1R.365.ALC92 Datasheet
71Kb / 3P
Plug - Straight
FGA.1R.365.GLC92 LEMO-FGA.1R.365.GLC92 Datasheet
71Kb / 3P
Plug - Straight
FGA.1R.365.SLC92 LEMO-FGA.1R.365.SLC92 Datasheet
71Kb / 3P
Plug - Straight
FGA.1R.365.VLC92 LEMO-FGA.1R.365.VLC92 Datasheet
71Kb / 3P
Plug - Straight
More results

Similar Description - FGA.1R.367.GLC92

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JB1DB03PL JAE-JB1DB03PL Datasheet
165Kb / 1P
STRAIGHT PLUG
JN2DS10SL1-R JAE-JN2DS10SL1-R Datasheet
223Kb / 1P
STRAIGHT PLUG
logo
AVX Corporation
27-8071-110-011-840 AVX-27-8071-110-011-840 Datasheet
699Kb / 12P
Plug Straight
logo
Rosenberger Hochfrequen...
51S107-802N5 ROSENBERGER-51S107-802N5 Datasheet
42Kb / 2P
STRAIGHT PLUG
51S106-006N5 ROSENBERGER-51S106-006N5 Datasheet
42Kb / 2P
STRAIGHT PLUG
45S101-102L5 ROSENBERGER-45S101-102L5 Datasheet
43Kb / 2P
STRAIGHT PLUG
45S105-101L5 ROSENBERGER-45S105-101L5 Datasheet
79Kb / 2P
STRAIGHT PLUG
MF1S111-1H8L5-NM ROSENBERGER-MF1S111-1H8L5-NM Datasheet
109Kb / 2P
straight plug
53S107-108N5 ROSENBERGER-53S107-108N5 Datasheet
72Kb / 2P
STRAIGHT PLUG
56S101-115N5 ROSENBERGER-56S101-115N5 Datasheet
45Kb / 2P
STRAIGHT PLUG
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com