Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS25NH3LL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS25NH3LL
Description  N-channel 30 V - 0.0032 Ω - 25 A - SO-8 STripFET??III Power MOSFET for DC/DC conversion
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS25NH3LL Datasheet(HTML) 2 Page - STMicroelectronics

  STS25NH3LL Datasheet HTML 1Page - STMicroelectronics STS25NH3LL Datasheet HTML 2Page - STMicroelectronics STS25NH3LL Datasheet HTML 3Page - STMicroelectronics STS25NH3LL Datasheet HTML 4Page - STMicroelectronics STS25NH3LL Datasheet HTML 5Page - STMicroelectronics STS25NH3LL Datasheet HTML 6Page - STMicroelectronics STS25NH3LL Datasheet HTML 7Page - STMicroelectronics STS25NH3LL Datasheet HTML 8Page - STMicroelectronics STS25NH3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Electrical ratings
STS25NH3LL
2/11
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VGS
Gate-source voltage
± 18
V
ID
(1)
1.
This value is rated according to Rthj-pcb
Drain current (continuous) at TC = 25 °C
25
A
ID
Drain current (continuous) at TC=100 °C
18
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
100
A
PTOT
(1)
Total dissipation at TC = 25 °C
3.2
W
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1 inch², 2 oz Cu, t< 10 sec
Thermal resistance junction-amb max
47
°C/W
Tj
Tstg
Operation junction temperature
Storage temperature
-55 to 175
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAV
Not-repetitive avalanche current (pulse
width limited by Tj max.)
12.5
A
EAS
Single pulse avalanche energy (starting
Tj = 25 °C, ID = IAV, VDD = 24 V)
1.3
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com