Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPB01 Datasheet(PDF) 1 Page - Same Sky Devices

Part # MPB01
Description  MINI PUSH BUTTON SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

MPB01 Datasheet(HTML) 1 Page - Same Sky Devices

  MPB01 Datasheet HTML 1Page - Same Sky Devices MPB01 Datasheet HTML 2Page - Same Sky Devices MPB01 Datasheet HTML 3Page - Same Sky Devices MPB01 Datasheet HTML 4Page - Same Sky Devices MPB01 Datasheet HTML 5Page - Same Sky Devices MPB01 Datasheet HTML 6Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
date 09/12/2024
page 1 of 6
SERIES: MPB01 | DESCRIPTION: MINI PUSH BUTTON SWITCH
sameskydevices.com
FEATURES
• single pole
• through hole
• bracket options
• cap options
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
28
Vdc
rated current
14
mA
withstanding voltage
for 1 minute
500
Vac
contact resistance
50
mΩ
insulation resistance
at 500 Vdc
500
MΩ
operating force
150
250
350
gf
actuator travel
1.1
mm
operating temperature
-25
80
°C
life
20,000
cycles
flammability rating
see material table
RoHS
yes
packaging
tray QTY: 100 pcs per tray
box QTY: 1,200 pcs per box
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 3 seconds
350
°C
wave soldering
for maximum 5 seconds
270
°C
PART NUMBER KEY
Base Number
MPB01 - 1 X XX - S X - XXX - XX - D
Circuit Type:
B = SPST: OFF-(ON)
C = SPDT: ON-(ON)
Actuator Height:
00 = Flush
33 = 3.3 mm
54 = 5.4 mm
*Actuator Cap Color:
“blank” = Without Cap
CAP-BK = Black
CAP-R = Red
CAP-WT= White
Bracket:
“blank” = Without Bracket
B = With Bracket
Note: *Actuator cap only on 5.4 mm actuator height versions.
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - MPB01

ManufacturerPart #DatasheetDescription
logo
CUI INC
MPB01 CUI-MPB01 Datasheet
467Kb / 6P
MINI PUSH BUTTON SWITCH
MPB01-1B00-S-CAP-BK-D CUI-MPB01-1B00-S-CAP-BK-D Datasheet
467Kb / 6P
MINI PUSH BUTTON SWITCH
MPB01-1B00-S-CAP-R-D CUI-MPB01-1B00-S-CAP-R-D Datasheet
467Kb / 6P
MINI PUSH BUTTON SWITCH
MPB01-1B00-S-CAP-WT-D CUI-MPB01-1B00-S-CAP-WT-D Datasheet
467Kb / 6P
MINI PUSH BUTTON SWITCH
MPB01-1B00-SB-CAP-BK-D CUI-MPB01-1B00-SB-CAP-BK-D Datasheet
467Kb / 6P
MINI PUSH BUTTON SWITCH
More results

Similar Description - MPB01

ManufacturerPart #DatasheetDescription
logo
CW Industries
GPB001PA06A1UB CWIND-GPB001PA06A1UB Datasheet
569Kb / 1P
MINI PUSH BUTTON
GPBS800LR1 CWIND-GPBS800LR1 Datasheet
52Kb / 1P
PUSH BUTTON SWITCH
logo
List of Unclassifed Man...
GPBS-850N ETC2-GPBS-850N Datasheet
51Kb / 1P
PUSH BUTTON SWITCH
logo
CUI INC
MPB01 CUI-MPB01 Datasheet
467Kb / 6P
MINI PUSH BUTTON SWITCH
MPB02 CUI-MPB02 Datasheet
380Kb / 4P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB03 CUI-MPB03 Datasheet
351Kb / 3P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB04 CUI-MPB04 Datasheet
341Kb / 3P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB-CAP CUI-MPB-CAP Datasheet
275Kb / 2P
MINI PUSH BUTTON SWITCH CAP
06/03/2021
MPB05 CUI-MPB05 Datasheet
353Kb / 3P
MINI PUSH BUTTON SWITCH
06/03/2021
MPB06 CUI-MPB06 Datasheet
423Kb / 4P
MINI PUSH BUTTON SWITCH
06/03/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com