Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6K202FE Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # SSM6K202FE
Description  High-Speed Switching Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6K202FE Datasheet(HTML) 2 Page - Toshiba Semiconductor

  SSM6K202FE Datasheet HTML 1Page - Toshiba Semiconductor SSM6K202FE Datasheet HTML 2Page - Toshiba Semiconductor SSM6K202FE Datasheet HTML 3Page - Toshiba Semiconductor SSM6K202FE Datasheet HTML 4Page - Toshiba Semiconductor SSM6K202FE Datasheet HTML 5Page - Toshiba Semiconductor SSM6K202FE Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SSM6K202FE
2007-11-01
2
Switching Time Test Circuit
(a) Test Circuit
(b) VIN
Marking
Equivalent Circuit (top view)
Notice on Usage
Vth can be expressed as the voltage between gate and source when the low operating current value is ID = 1 mA for
this product. For normal switching operation, VGS (on) requires a higher voltage than Vth and VGS (off) requires a lower
voltage than Vth.
(The relationship can be established as follows: VGS (off) < Vth < VGS (on).)
Take this into consideration when using the device.
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is
protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that
come into direct contact with devices should be made of antistatic materials.
6
KL
4
1
2
3
5
4
123
6
5
(c) VOUT
VDD = 10 V
RG = 4.7 Ω
D.U. <= 1%
VIN: tr, tf < 5 ns
Common Source
Ta
= 25°C
VDD
OUT
IN
2.5 V
0
10
μs
tf
ton
90%
10%
2.5 V
0 V
10%
90%
toff
tr
VDD
VDS (ON)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com