Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP360J Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP360J
Description  GaAs Ired & Photo-Triac
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP360J Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP360J_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP360J_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP360J_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP360J_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP360J_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP360J_07 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP360J
2007-10-01
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse current
IR
VR = 5 V
—
—
10
μA
Capacitance
CT
V = 0, f = 1 MHz
—
30
—
pF
Peak off-state current
IDRM
VDRM = 600 V
—
10
1000
nA
Peak on-state voltage
VTM
ITM = 100 mA
—
1.7
3.0
V
Holding current
IH
—
—
0.6
—
mA
Critical rate of rise of
off-state voltage
dv/dt
Vin = 240 Vrms , Ta = 85°C
(Note 2)
—
500
—
V/μs
Critical rate of rise of
commutating voltage
dv/dt(c)
Vin = 60 Vrms , IT = 15 mA
(Note 2)
—
0.2
—
V/μs
Coupled Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Trigger LED current
IFT
VT = 6 V
—
—
10
mA
Turn-on time
tON
VD = 6 → 4 V , RL = 100 Ω
IF = Rated IFTΧ1.5
—
30
100
μs
Isolation Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Capacitance (input to output)
CS
VS = 0 , f = 1 MHz
—
0.8
—
pF
Isolation resistance
RS
VS = 500 V, R.H. ≤ 60%
1×10
12
10
14
—
Ω
AC, 1 minute
5000
—
—
AC, 1 second, in oil
—
10000
—
Vrms
Isolation voltage
BVS
DC, 1 minute, in oil
—
10000
—
Vdc
(Note 2): dv/dt test circuit
dv/dt (c)
dv/dt
0V
+5 V, Vcc
1
2
4
Vcc
+
—
Rin
120
Ω
Vin
3
RL
4k
Ω



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com