Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803380 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803380
Description  TMP-RIBBON 110 GN 100 - Ink ribbon cartridge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803380 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803380 Datasheet HTML 1Page - PHOENIX CONTACT 0803380 Datasheet HTML 2Page - PHOENIX CONTACT 0803380 Datasheet HTML 3Page - PHOENIX CONTACT 0803380 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Ink ribbon
Marking
Identification technology
Thermal transfer
Dimensions
Width
110 mm
Length
60 m
Length of roll
60 m
Material specifications
Color
green (RAL 6021)
Material
Polyester
Environmental and real-life conditions
Ambient conditions
Recommended ambient temperature (storage/transport)
5 °C ... 35 °C
Recommended humidity (storage/transport)
30 % ... 80 % (Storage in a dry and dark place in the original
packaging is recommended)
Shelf life
1 Year
TMP-RIBBON 110 GN 100 - Ink ribbon cartridge
0803380
https://www.phoenixcontact.com/us/products/0803380
Apr 24, 2025, 6:41AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com