Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804921 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0804921
Description  ZBFM 8/WH,LGS:FORTL.ZAHLEN - Flat zack marker sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804921 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0804921 Datasheet HTML 1Page - PHOENIX CONTACT 0804921 Datasheet HTML 2Page - PHOENIX CONTACT 0804921 Datasheet HTML 3Page - PHOENIX CONTACT 0804921 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data
Product properties
Product type
Labeled terminal marker
Pitch
8.2 mm
Type
flat
Marking
Number of individual labels
50
Number of individual labels per row
5
Number of marker strips
10
Printing direction
printed horizontally
Printing
consecutive numbers 1 ... 5
Mounting
Mounting type
snap into flat marker groove
Material specifications
Color
white (RAL 9010)
Material
PA
Flammability rating according to UL 94
V2
Components
free from silicone and halogen
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-40 °C ... 100 °C
Dimensions
Width
8 mm
Pitch
8.2 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
Notes
Order information:
For labeling according to customer requirements, please select
product 0825044
ZBFM 8/WH,LGS:FORTL.ZAHLEN - Flat zack marker
sheet
0804921
https://www.phoenixcontact.com/us/products/0804921
Apr 24, 2025, 7:13AM
Page 2 (4)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com