Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIF-PFC Datasheet(PDF) 21 Page - Astec America, Inc

Part # AIF-PFC
Description  AC-DC Converter Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AIF-PFC Datasheet(HTML) 21 Page - Astec America, Inc

Back Button AIF-PFC Datasheet HTML 17Page - Astec America, Inc AIF-PFC Datasheet HTML 18Page - Astec America, Inc AIF-PFC Datasheet HTML 19Page - Astec America, Inc AIF-PFC Datasheet HTML 20Page - Astec America, Inc AIF-PFC Datasheet HTML 21Page - Astec America, Inc AIF-PFC Datasheet HTML 22Page - Astec America, Inc AIF-PFC Datasheet HTML 23Page - Astec America, Inc AIF-PFC Datasheet HTML 24Page - Astec America, Inc AIF-PFC Datasheet HTML 25Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
MODEL : AIF - PFC Series
March 2006 REVISION 09
SH 21 of 31
Technical Reference Note
AIF - PFC Power Factor
Correction Series
Connections to enable Astec DC-DC converters.
The output from the PFC’s LD ENABLE (pin 13) can directly drive an opto-coupler to provide an isolated signal to enable
the power output of one or more Astec DC-DC converter modules.
-O/P
9
8
1
16
+O/P
to ENABLE pin of DC-DC
converter module
to -SENSE PIN / S COM pin
of DC - DC converter module
Load Enable Connection for Astec DC-DC Converters
AIF04ZPFC
General Connections to enable a load
For enabling loads other than Astec DC-DC converters the following circuit can be used. The LD ENABLE pin can directly
drive a MOSFET with a 15V zener clamping the gate voltage.
-O/P
9
8
1
16
+O/P
RESISTIVE
LOAD
IRFP450
AIF04ZPFC
D
S
G
Conducted EMI
The PFC modules will require additional EMI filtering to enable the system to meet relevant EMI standards.
PFC modules have an effective input to ground (baseplate) capacitance of 1600pF. This should be accounted for when
calculating the maximum EMI ‘Y’ capacitance to meet ground leakage current specifications. An example filter circuit is
shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com