Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP331 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP331
Description  GaAs Ired & Photo−Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP331 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP331 Datasheet HTML 1Page - Toshiba Semiconductor TLP331 Datasheet HTML 2Page - Toshiba Semiconductor TLP331 Datasheet HTML 3Page - Toshiba Semiconductor TLP331 Datasheet HTML 4Page - Toshiba Semiconductor TLP331 Datasheet HTML 5Page - Toshiba Semiconductor TLP331 Datasheet HTML 6Page - Toshiba Semiconductor TLP331 Datasheet HTML 7Page - Toshiba Semiconductor TLP331 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLP331,TLP332
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Transistor
TLP331,TLP332
Office Machine
Household Use Equipment
Programmable Controllers
AC / DC
−Input Module
Telecommunication
The TOSHIBA TLP331 and TLP332 consists of a gallium arsenide
infrared emitting diode optically coupled to a photo−transistor in a six
lead plastic DIP package.
This photocoupler provides the unique feature of high current transfer
ratio at both low output voltage and low input current. This makes it
ideal for use in low power logic circuits, telecommunications equipment
and portable electronics isolation applications.
TLP332 is no−base internal connection for high−EMI environments.
• Collector−emitter voltage: 55V (min.)
• Isolation voltage: 5000Vrms (min.)
• UL recognized: UL1577, file no. E67349
• Current transfer ratio
Current Transfer Ratio (min.)
Ta = 25°C
Ta =
−25~75°C
Classi
−
fication
(*)
IF = 1mA
VCE = 0.5V
IF = 0.5mA
VCE = 1.5V
IF = 1mA
VCE = 0.5V
Marking
Of
Classi
−
Fication
Rank BV
200%
100%
100%
BV
Standard
100%
50%
50%
BV, blank
(*) Ex.
Standard: TLP331
Rank BV: TLP331(BV)
(Note) Application type name for certification test,
please use standard product type name, i.e.
TLP331(BV): TLP331
Pin Configurations (top view)
2
1: ANODE
2: CATHODE
3: NC
4: EMITTER
5: COLLECTOR
6: BASE
1
5
6
4
3
2
1: ANODE
2: CATHODE
3: NC
4: EMITTER
5: COLLECTOR
6: NC
5
6
4
3
1
TLP331
TLP332
Unit in mm
TOSHIBA
11−7A8
Weight: 0.4 g


Similar Part No. - TLP331

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP331 TOSHIBA-TLP331 Datasheet
192Kb / 8P
Office Machine Household Use Equipment Programmable Controllers AC / DC-Input Module Telecommunication
25-Sep-2002
TLP3312 TOSHIBA-TLP3312 Datasheet
251Kb / 8P
Battery Control Measuring Instruments Logic IC Testers / Memory Testers
TLP3315 TOSHIBA-TLP3315 Datasheet
200Kb / 7P
Normally open (1-Form-A)
TLP3316 TOSHIBA-TLP3316 Datasheet
213Kb / 7P
Photocouplers Photorelay
2020-02-19 Rev.4.0
TLP3317 TOSHIBA-TLP3317 Datasheet
198Kb / 7P
OFF-state output terminal voltage - 80 V (min)
More results

Similar Description - TLP331

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP181 TOSHIBA-TLP181_02 Datasheet
152Kb / 9P
GaAs Ired and Photo−Transistor
25-Sep-2002
TLP523 TOSHIBA-TLP523_07 Datasheet
262Kb / 7P
GaAs Ired & Photo−Transistor
TLP504A TOSHIBA-TLP504A_07 Datasheet
228Kb / 8P
GaAs Ired & Photo−Transistor
TLP421F TOSHIBA-TLP421F_07 Datasheet
145Kb / 3P
GaAs IRed & Photo−Transistor
TLP371 TOSHIBA-TLP371_07 Datasheet
211Kb / 8P
GaAs Ired & Photo−Transistor
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
GaAs Ired & Photo−Transistor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181_07 Datasheet
173Kb / 9P
Photocoupler GaAs Ired & Photo−Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com