Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD25 Datasheet(PDF) 13 Page - Astec America, Inc

Part # ALD25
Description  Single Output 16th Brick: 60Watts
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALD25 Datasheet(HTML) 13 Page - Astec America, Inc

Back Button ALD25 Datasheet HTML 9Page - Astec America, Inc ALD25 Datasheet HTML 10Page - Astec America, Inc ALD25 Datasheet HTML 11Page - Astec America, Inc ALD25 Datasheet HTML 12Page - Astec America, Inc ALD25 Datasheet HTML 13Page - Astec America, Inc ALD25 Datasheet HTML 14Page - Astec America, Inc ALD25 Datasheet HTML 15Page - Astec America, Inc ALD25 Datasheet HTML 16Page - Astec America, Inc ALD25 Datasheet HTML 17Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Technical Reference Notes
ALD12/18/20/25 Series
(Single Output 16
th Brick)
MODEL: ALD12/18/20/25 SERIES
SHEET 13 OF 20
AUGUST 17, 2005 – REVISION C
Performance Curves
1.8V Version
Figure 26. 1.8V Startup Characteristic at VIN = 36Vdc,
IO = Full Load, TA = 25°C, CO = 0.
Figure 27. 1.8V Output Ripple at VIN = 48Vdc, IO =
Full Load, TA = 25°C.
Figure 29. 1.8V Transient Response 50% to 75% step at
VIN = 48Vdc, TA = 25°C, di/dt = 0.1A/µs, CO = 0.
Figure 28. 1.8V Output current vs. ambient temperature
curves at VIN = 48Vdc.
ALD25Y48 Current vs. Temperature
0
5
10
15
20
25
25
40
55
70
85
Temperature (°C)
0 LFM
100 LFM
200 LFM
300 FLM
400 FLM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com