Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP330 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP330
Description  GaAs Ired & Photo−Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP330 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP330 Datasheet HTML 1Page - Toshiba Semiconductor TLP330 Datasheet HTML 2Page - Toshiba Semiconductor TLP330 Datasheet HTML 3Page - Toshiba Semiconductor TLP330 Datasheet HTML 4Page - Toshiba Semiconductor TLP330 Datasheet HTML 5Page - Toshiba Semiconductor TLP330 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP330
2007-10-01
1
TOSHIBA Photocoupler GaAs Ired & Photo
−Transistor
TLP330
Programmable Controllers
AC / DC
−Input Module
Telecommunication
The TOSHIBA TLP330 consists of a photo−transistor optically coupled
to two gallium arsenide infrared emitting diode connected inverse
parallel in a six lead plastic DIP package.This is suitable for application
of AC input current up to 150mA.
• If maximum rating: ±150mA
• Collector−Emitter voltage: 55V(min.)
• Current transfer ratio: 25% (min.)(IF = ±20mA)
• Isolation voltage: 5000Vrms (min.)
• UL recognized: UL1577, file no. E67349
Pin Configurations (top view)
2
1: Anode, cathode
2: Cathode, anode
3: NC
4: Emitter
5: Collector
6: Base
1
5
6
4
3
TOSHIBA
11−7A8
Weight: 0.39 g
Unit in mm


Similar Part No. - TLP330

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP330 TOSHIBA-TLP330 Datasheet
163Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP3303 TOSHIBA-TLP3303 Datasheet
174Kb / 7P
Normally off (1-Form-A)
TLP3306 TOSHIBA-TLP3306 Datasheet
176Kb / 7P
Normally open (1-Form-A)
More results

Similar Description - TLP330

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP181 TOSHIBA-TLP181_02 Datasheet
152Kb / 9P
GaAs Ired and Photo−Transistor
TLP523 TOSHIBA-TLP523_07 Datasheet
262Kb / 7P
GaAs Ired & Photo−Transistor
TLP504A TOSHIBA-TLP504A_07 Datasheet
228Kb / 8P
GaAs Ired & Photo−Transistor
TLP421F TOSHIBA-TLP421F_07 Datasheet
145Kb / 3P
GaAs IRed & Photo−Transistor
TLP371 TOSHIBA-TLP371_07 Datasheet
211Kb / 8P
GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
GaAs Ired & Photo−Transistor
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
GaAs Ired & Photo−Transistor
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
Photocoupler GaAs Ired & Photo−Transistor
TLP181 TOSHIBA-TLP181_07 Datasheet
173Kb / 9P
Photocoupler GaAs Ired & Photo−Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com