Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISB3013 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISB3013
Description  Silicon NPN RF Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISB3013 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISB3013 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISB3013 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon NPN RF Power Transistor
ISB3013
www.iscsemi.com
1
DESCRIPTION
·
Low Noise and High Gain
NF = 1.5 dB TYP
@VCE = 6V, IC = 5 mA, f = 1.0 GHz
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Designed for low noise amplifier at VHF, UHF
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
20
V
VCEO
Collector-Emitter Voltage
12
V
VEBO
Emitter-Base Voltage
2.0
V
IC
Collector Current-Continuous
0.1
A
PC
Collector Power Dissipation
@TC=25℃
150
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃


Similar Part No. - ISB3013

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISB3013 ISC-ISB3013 Datasheet
276Kb / 3P
isc Silicon NPN Power Transistor
More results

Similar Description - ISB3013

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com