Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWA30M65DF2 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STGWA30M65DF2
Description  Trench Field-Stop Technology IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STGWA30M65DF2 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STGWA30M65DF2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STGWA30M65DF2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISG2180
eq STGWA30M65DF2
Trench Field-Stop Technology IGBT
www.iscsemi.com
1
DESCRIPTION
· Optimized for Low Conduction Losses
· Tight parameters distribution
· Safer Paralleling
· Low thermal resistance
· Soft and very fast recovery anti parallel diode
APPLICATIONS
· PFC Circuits
· Motor Drives
· Uninterruptible power supplies (UPS)
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
650
V
VGES
Gate-Emitter Voltage
±
20
V
IC
Collector Current-Continuous
@ TC=25℃
60
A
IC
Collector Current-Continuous
@ TC=100℃
30
A
ICM
Pulsed Collector Current@ TC=25℃
120
A
PD
Power Dissipation @TC=25℃
258
W
Tj
Operating Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.58
℃
/W


Similar Part No. - STGWA30M65DF2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWA30M65DF2 STMICROELECTRONICS-STGWA30M65DF2 Datasheet
726Kb / 19P
Trench gate field-stop IGBT, M series 650 V, 30 A low loss
18-Dec-2015
More results

Similar Description - STGWA30M65DF2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH30N120FTDTU FAIRCHILD-FGH30N120FTDTU Datasheet
588Kb / 9P
Field stop trench technology
logo
Sirectifier Semiconduct...
SG40T120DB SIRECTIFIER-SG40T120DB Datasheet
747Kb / 6P
Trench Field Stop IGBT technology
logo
ON Semiconductor
FGB40T65SP_F085 ONSEMI-FGB40T65SP_F085 Datasheet
946Kb / 11P
Field Stop Trench IGBT
November 2016 - Rev. 1.0
FGH40T65UQDF ONSEMI-FGH40T65UQDF Datasheet
1Mb / 11P
Field Stop Trench IGBT
December 2016 Rev. 1.0
AFGHL40T65SPD ONSEMI-AFGHL40T65SPD Datasheet
407Kb / 10P
Field Stop Trench IGBT
September, 2020 ??Rev. 5
logo
Infineon Technologies A...
IGD06N65T6 INFINEON-IGD06N65T6 Datasheet
1Mb / 13P
IGBT in trench and field-stop technology
V2.3 2020-06-04
IGD10N65T6 INFINEON-IGD10N65T6 Datasheet
3Mb / 13P
IGBT in trench and field-stop technology
V2.3 2020-04-29
IGD15N65T6 INFINEON-IGD15N65T6 Datasheet
3Mb / 13P
IGBT in trench and field-stop technology
V2.3 2020-04-20
logo
ON Semiconductor
FGH75T65SHDTLN4 ONSEMI-FGH75T65SHDTLN4 Datasheet
465Kb / 9P
IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2
logo
Inchange Semiconductor ...
IRG7PK35UD1 ISC-IRG7PK35UD1 Datasheet
371Kb / 3P
Trench Field-Stop Technology IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com