Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD295 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # CD295
Description  DataView & DataView II Display Units
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CD295 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  CD295 Datasheet HTML 1Page - Campbell Scientific United Kingdom CD295 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
We reserve the right to alter specifications without notice
Campbell Scientific products are
available from:
Maximum Number of Sensors
CD294 DataView
Compatible dataloggers:
CR510, CR10X, CR23X, CR7
Current drain
Quiescent:
<100 µA
Active:
5.5 mA
Temperature range
Operating:
0° to +50°C
Low power:
-20° to +50°C
Dimensions:
13 x 10 x 2.5 cm
(5.1” x 3.9” x 1.0”)
Weight:
150 g (5 oz)
CD295 DataView II
Compatible dataloggers: CR200-series, CR800, CR850, CR1000, CR3000
Current drain:
Asleep:
1 mA
Active without backlight:
3 mA
Active with backlight:
30 mA
Temperature range
Operating:
-20° to +55°C
Asleep:
-25° to +70°C
Dimensions:
13 x 10 x 3 cm
(5.1” x 3.9” x 1.2”)
Weight:
236 g (8 oz)
Specifications
Power requirements:
Powered from the datalogger
Relative Humidity
Inside enclosure:
0 to 90% non-condensing
Mounted in enclosure door: IP65 when using supplied sealant
A CD295 DataView II is installed in an
enclosure lid. A template for an
enclosure cutout, mounting screws,
and O-rings are provided.
Alternatively, Campbell Scientific will
install the display in the lid.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com