Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP30 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # SP30
Description  SP5, SP10, SP30, SP60 and SP100 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

SP30 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  SP30 Datasheet HTML 1Page - Campbell Scientific United Kingdom SP30 Datasheet HTML 2Page - Campbell Scientific United Kingdom SP30 Datasheet HTML 3Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA
© 2012
Campbell Scientific
January 23, 2018
SP100 100-Watt Solar Panels
The SP100 solar panel is used in Eddy Covariance, or other
systems that require high-power solar panels. This solar panel
needs to be connected to 008116 Morningstar SunSaver
regulator (see below).
The SP100 has a 5 m standard length cable; maximum length is
15 m.
Regulators for the SP60 and SP100
CH150 Smart Charge Controller
The CH150 is a micro-controller-based smart charger with
temperature compensation that optimizes battery charging
and increases the battery’s life. It is for use with a separate larger
battery such as our BP12, BP24, or a user-supplied battery.
CH200 Smart Charge Controller
The CH200 limits charging current to a maximum of 40 Adc
typical, has a quiescent current drain of only 0.3 mA and can
precisely charge the following battery families: Yuasa NP Series
(includes our PS200, BP12 and BP24), EnerSys Cyclone Series,
Concorde Sun Xtender Series or a custom battery.
008116 Morningstar SunSaver
The Morningstar SunSaver limits charging current to
approximately 10 A, has a quiescent current drain of
approximately 8 mA, and can charge sealed (includes our BP17,
BP24) or flooded batteries.
Mounting
The SP5 and SP10 solar panels are supplied with simple, single
`V’bolt fitting for mounting on a pole in the size range of
25-54 mm diameter (see the image on the front page of this
leaflet). The angle of the solar panel can be adjusted to be 0 to
90 degrees relative to the pole. If necessary the V-bolt fitting can
be removed and the panel fixed to a vertical surface with screws.
Optional band clamps are available to allow the brackets to be
fitted to larger poles up to 120 mm in diameter.
The SP30 and larger standard panels are supplied with a
Solar Panel Multi-Fit bracket (Part number 006607). This is a
substantial bracket that fits many different sizes of panels by
simply clamping under the rear lip of the frame at either side of
the panel (it works with panels up to 500 mm internal width).
See the diagrams below showing the multi-fit bracket. This
allows easy exchange of the panel in the field, e.g. to upgrade to
a larger size panel.
One bracket is supplied as standard with each panel which is
suitable for mounting the SP30 panel on poles, tripods or towers
in most applications. A single bracket may also be adequate
with larger panels in sheltered sites where the lower edge of
the panel rests on the ground or on the tripod legs. For exposed
windy sites, especially with the larger panels, e.g. the SP60 or
SP100, a second bracket should be ordered to allow the panel to
be mounted on two vertical tubes rather than one. Those tubes
could be the two sides of a larger tower or user supplied poles
which are fixed into the ground.
Each bracket has two `V’bolt fittings for poles in the range of
25-54 mm diameter. Optional band clamps are available to
allow the brackets to be fitted to larger poles up to 120 mm
in diameter. Larger poles can be catered for to special order.
The panel angle can be adjusted in one of six steps from 0-90
degrees relative to the pole.
Diagram of a solar panel mounted to pole
Diagram showing the method of fixing the bracket
to the panel
Note: With some smaller panels the bracket will protrude at the bottom side of the panel.
Remove this bolt on either
side of the bracket of the
solar panel to adjust the
tilt angle.
Slide tabs under the wider
edges of the solar panel and
tighten the bolts.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com