Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP251 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP251
Description  GaA?밃s Ired & Photo-IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP251 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP251 Datasheet HTML 1Page - Toshiba Semiconductor TLP251 Datasheet HTML 2Page - Toshiba Semiconductor TLP251 Datasheet HTML 3Page - Toshiba Semiconductor TLP251 Datasheet HTML 4Page - Toshiba Semiconductor TLP251 Datasheet HTML 5Page - Toshiba Semiconductor TLP251 Datasheet HTML 6Page - Toshiba Semiconductor TLP251 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP251
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
20
mA
Forward current derating
(Ta ≥ 70°C)
ΔIF / ΔTa
− 0.36
mA / °C
Peak transient forward current
(Note 1)
IFPT
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
“H” peak output current
(PW ≤ 2.0μs, f ≤ 15kHz)
(Note 2)
IOPH
− 0.4
A
“L” peak output current
(PW ≤ 2.0μs, f ≤ 15kHz)
(Note 2)
IOPL
0.4
A
(Ta ≤ 70°C)
35
Output voltage
(Ta = 85°C)
VO
24
V
(Ta ≤ 70°C)
35
Supply voltage
(Ta = 85°C)
VCC
24
V
Output voltage derating
(Ta ≥ 70°C)
ΔVO / ΔTa
− 0.73
V / °C
Supply voltage derating
(Ta ≥ 70°C)
ΔVCC / ΔTa
− 0.73
V / °C
Junction temperature
Tj
125
°C
Operating frequency
(Note 3)
f
25
kHz
Operating temperature range
Topr
−20~85
°C
Storage temperature range
Tstg
−55~125
°C
Lead soldering temperature(10s)
Tsol
260
°C
Isolation voltage (AC, 1min.,
R.H.≤ 60%)
(Note 4)
BVS
2500
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1:
Pulse width PW ≤ 1μs, 300pps
Note 2:
Expornential waveform
Note 3:
Expornential waveform, IOPH ≤ −0.25A(≤ 2.0μs), IOPL ≤ +0.25A(≤2.0μs)
Note 4:
Device considerd a two terminal device: Pins 1, 2, 3 and 4 shorted together, and pins 5, 6,
7 and 8 shorted together.
Note 5:
A ceramic capacitor(0.1μF)should be connected from pin 8 to pin 5 to stabilize the
operation of the high gain linear ampifier. Failure to provide the bypassing may impair the
swiching property.The total lead length between capacitor and coupler should not
exceed 1cm.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com