Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALQ25 Datasheet(PDF) 11 Page - Astec America, Inc

Part # ALQ25
Description  Single Output Open-Frame DC-DC Converter Module Industry Standard 쩌 Brick: 36V-75V Input / 5V Output
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ25 Datasheet(HTML) 11 Page - Astec America, Inc

Back Button ALQ25_03 Datasheet HTML 7Page - Astec America, Inc ALQ25_03 Datasheet HTML 8Page - Astec America, Inc ALQ25_03 Datasheet HTML 9Page - Astec America, Inc ALQ25_03 Datasheet HTML 10Page - Astec America, Inc ALQ25_03 Datasheet HTML 11Page - Astec America, Inc ALQ25_03 Datasheet HTML 12Page - Astec America, Inc ALQ25_03 Datasheet HTML 13Page - Astec America, Inc ALQ25_03 Datasheet HTML 14Page - Astec America, Inc ALQ25_03 Datasheet HTML 15Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Technical Reference Notes
ALQ25 Series
(Open Frame Single Output Quarter Brick)
MODEL: ALQ25 SERIES
SHEET 11 OF 15
Dec 1, 2003 - REVISION B
Performance Curves
ALQ25A48 (5.0V) SERIES
Figure 5. Efficiency vs. Load Current Curves at TA=25°C
for 36Vin
Figure 6. Efficciency vs Load Current Curves at TA=25°C
For 48Vin
Figure 7. Figure 6. Efficciency vs Load Current Curves at
TA=25°C for 75Vin
Efficiency vs. Load Curve
0
10
20
30
40
50
60
70
80
90
100
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load[A]
Min
Max
Ave
Efficiency vs. Load Curve
0
10
20
30
40
50
60
70
80
90
100
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load(A)
Min
Max
Ave
Efficiency vs. Load Curve
0
10
20
30
40
50
60
70
80
90
100
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Load (A)
Min
Max
Ave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com